Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7565P Datasheet(PDF) 52 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 52 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 56Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
ST7565P
Ver 2.1b
52/71
2009/09/14
C
CO
OM
MM
MA
AN
ND
D D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
Instruction Setup: Reference
(1) Initialization
Note: With this IC, when the power is applied, LCD driving non-selective potentials V2 and V3 (SEG pin) and V1 and V4 (COM
pin) are output through the LCD driving output pins SEG and COM. When electric charge is remaining in the smoothing
capacitor connecting between the LCD driving voltage output pins (V0 ~ V4) and the VSS pin, the picture on the display may
become totally dark instantaneously when the power is turned on. To avoid occurrence of such a failure, we recommend the
following flow when turning on the power.
1. When the built-in power is being used immediately after turning on the power:
* The target time of 5ms will result to vary depending on the panel characteristics and the capacitance of the smoothing
capacitor. Therefore, we suggest you to conduct an operation check using the actual equipment.
Notes: Refer to respective sections or paragraphs listed below.
*1: Description of functions; Resetting circuit
*2: Command description; LCD bias setting
*3: Command description; ADC selection
*4: Command description; Common output state selection
*5: Description of functions; Power circuit & Command description; Setting the built-in resistance radio for regulation of
the V0 voltage
*6: Description of functions; Power circuit & Command description; Electronic volume control
*7: Description of functions; Power circuit & Command description; Power control setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com