Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7565P Datasheet(PDF) 65 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 65 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 69Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
ST7565P
Ver 2.1b
65/71
2009/09/14
The Serial Interface
Figure 39
Table 30
(VDD = 3.3V, Ta = –30 to 85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
50
—
SCL “H” pulse width
tSHW
25
—
SCL “L” pulse width
SCL
tSLW
25
—
Address setup time
tSAS
20
—
Address hold time
A0
tSAH
10
—
Data setup time
tSDS
20
—
Data hold time
SI
tSDH
10
—
CS-SCL time
tCSS
20
—
CS-SCL time
CS
tCSH
40
—
ns
Table 31
(VDD = 2.7V, Ta = –30 to 85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
100
—
SCL “H” pulse width
tSHW
50
—
SCL “L” pulse width
SCL
tSLW
50
—
Address setup time
tSAS
30
—
Address hold time
A0
tSAH
20
—
Data setup time
tSDS
30
—
Data hold time
SI
tSDH
20
—
CS-SCL time
tCSS
30
—
CS-SCL time
CS
tCSH
60
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com