Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3095EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3095EEE
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3095EEE Datasheet HTML 1Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 2Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 3Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
4
_______________________________________________________________________________________
IEC1000-4-2 (Contact Discharge)
IEC1000-4-2 (Air-Gap Discharge)
Human Body Model
G = GND and G = VCC
No load, G = VCC or G = GND
CONDITIONS
±8
±15
kV
±15
ESD Protection
(Note 2)
µA
0.001
10
mA
2.4
4.0
ICC
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DC ELECTRICAL CHARACTERISTICS—MAX3096 (continued)
(VCC = 3.135V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
|VID| = 3V,
Figure 2
VCC = 3.135V to 3.6V, TA = TMIN to TMAX
Figure 3
Figure 3
|VID| = 3V, Figure 2, matched conditions
Figure 3
Figure 3
CONDITIONS
Mbps
10
fMAX
Maximum Data Rate
ns
80
180
tHZ
Output Disable Time from
High Level
ns
80
180
tLZ
Output Disable Time from
Low Level
88
98
112
ns
69
127
tPLH, tPHL
Input-to-Output Propagation
Delay
ns
600
1000
tZH
Output Enable Time to
High Level
ns
600
1000
tZL
Output Enable Time to
Low Level
ns
24
Device-to-Device Propagation-
Delay Matching
82
92
106
78
88
102
69
79
93
103
113
127
91
101
115
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SWITCHING CHARACTERISTICS—MAX3096
(VCC = 3.135V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground, unless otherwise noted.
Note 2: Receiver inputs (A_, B_).
ns
-2
±10
tSK
Propagation-Delay Skew
(tPLH - tPHL)
TA = +85°C
TA = +25°C
TA = -40°C
TA = +85°C
TA = +25°C
TA = -40°C
VCC = 3.60V
VCC = 3.135V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com