Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3095EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3095EEE
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3095EEE Datasheet HTML 2Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 3Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 9Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
6
_______________________________________________________________________________________
_
Pin Description
NAME
FUNCTION
1
B1
Inverting Receiver Input
2
A1
Noninverting Receiver Input
PIN
3
Y1
Receiver Output. Enabled when G = high OR G = low. Y1 will be logic high if A1 > B1 by 200mV, and low if
A1 < B1 by 200mV. It will be logic high if A1 and B1 remain floating. Otherwise, the state is undetermined.
Y1 goes high impedance when the G = low
and G = high.
4
G
Receiver Output Enable High. A logic high on this input enables all receivers. When taken low and G is high,
all receivers are shut down, and the outputs go high impedance.
8
GND
Ground
7
B2
Inverting Receiver Input
6
A2
Noninverting Receiver Input
5
Y2
Receiver Output. Same functionality as Y1.
13
Y4
Receiver Output. Same functionality as Y1.
12
G
Receiver Output Enable Low. A logic low on this pin enables all receivers. When G = high and G = low, all
receivers are shut down, and the outputs go high impedance.
11
Y3
Receiver Output. Same functionality as Y1.
10
A3
Noninverting Receiver Input
9
B3
Inverting Receiver Input
TIME (200ns/div)
SHUTDOWN TIMING
MAX3095 TOC09
MAX3095
Y VOLTAGE
5V/div
2V/div
2V/div
MAX3096
Y VOLTAGE
G VOLTAGE
CIRCUIT OF FIGURE 3,
S1 OPEN, S2 CLOSED, S3 = 1V
Typical Operating Characteristics (continued)
(VCC = 5V for MAX3095, VCC = 3.3V for MAX3096, TA = +25°C, unless otherwise noted.)
14
A4
Noninverting Receiver Input
15
B4
Inverting Receiver Input
16
VCC
Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com