Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3095EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3095EEE
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3095EEE Datasheet HTML 1Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 2Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 3Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
_______________________________________________________________________________________
5
0
-10
-20
-30
-40
-50
02
1
345
OUTPUT CURRENT vs.
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
MAX3095
MAX3096
0
15
10
5
20
25
30
02
1
345
OUTPUT CURRENT vs.
OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
MAX3095
MAX3096
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
10
-15
35
60
85
OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
MAX3095
MAX3096
IOUT = 8mA
0
1
3
2
4
5
-40
10
-15
35
60
85
OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
MAX3095
MAX3096
IOUT = -8mA
70
80
100
90
110
120
-40
10
-15
35
60
85
MAX3095
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (°C)
⏐VID⏐ = 3V
CL = 15pF
2.0
2.2
2.6
2.4
2.8
3.0
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX3095/MAX3096
0
5
10
15
20
-40
10
-15
35
60
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX3095
MAX3096
80
110
100
90
120
130
140
-40
10
-15
35
60
85
MAX3096
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (°C)
⏐VID⏐ = 3V
CL = 15pF
Typical Operating Characteristics
(VCC = 5V for MAX3095, VCC = 3.3V for MAX3096, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com