Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1766 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1766 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1766 Datasheet HTML 1Page - NXP Semiconductors LPC1766 Datasheet HTML 2Page - NXP Semiconductors LPC1766 Datasheet HTML 3Page - NXP Semiconductors LPC1766 Datasheet HTML 4Page - NXP Semiconductors LPC1766 Datasheet HTML 5Page - NXP Semiconductors LPC1766 Datasheet HTML 6Page - NXP Semiconductors LPC1766 Datasheet HTML 7Page - NXP Semiconductors LPC1766 Datasheet HTML 8Page - NXP Semiconductors LPC1766 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
4 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
3.
Applications
4.
Ordering information
4.1 Ordering options
eMetering
Alarm systems
Lighting
White goods
Industrial networking
Motor control
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1769FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1768FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1767FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1766FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1765FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1764FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
Table 2.
Ordering options
Type number
Flash
SRAM in kB
Ethernet USB
CAN
I2S
DAC Maximum
CPU
operating
frequency
CPU AHB
SRAM0
AHB
SRAM1
Total
LPC1769FBD100 512 kB 32
16
16
64
yes
Device/Host/OTG 2
yes
yes
120 MHz
LPC1768FBD100 512 kB 32
16
16
64
yes
Device/Host/OTG 2
yes
yes
100 MHz
LPC1767FBD100 512 kB 32
16
16
64
yes
no
no
yes
yes
100 MHz
LPC1766FBD100 256 kB 32
16
16
64
yes
Device/Host/OTG 2
yes
yes
100 MHz
LPC1765FBD100 256 kB 32
16
16
64
no
Device/Host/OTG 2
yes
yes
100 MHz
LPC1764FBD100 128 kB 16
16
-
32
yes
Device only
2
no
no
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com