Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7878ACPZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 42Page - Analog Devices ADE7878ACPZ Datasheet HTML 43Page - Analog Devices ADE7878ACPZ Datasheet HTML 44Page - Analog Devices ADE7878ACPZ Datasheet HTML 45Page - Analog Devices ADE7878ACPZ Datasheet HTML 46Page - Analog Devices ADE7878ACPZ Datasheet HTML 47Page - Analog Devices ADE7878ACPZ Datasheet HTML 48Page - Analog Devices ADE7878ACPZ Datasheet HTML 49Page - Analog Devices ADE7878ACPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
ADE7878
Rev. 0 | Page 46 of 92
Energy Accumulation Modes
The active power accumulated in each watt-hour accumulation
32-bit register (AWATTHR, BWATTHR, CWATTHR,AFWATTHR,
BFWATTHR, and CFWATTHR) depends on the configuration of
Bit 5 and Bit 4 (CONSEL bits) in the ACCMODE[7:0] register. The
various configurations are described in Table 14.
Table 14. Inputs to Watt-Hour Accumulation Registers
CONSEL
AWATTHR
BWATTHR
CWATTHR
00
VA × IA
VB × IB
VC × IC
01
VA × IA
0
VC × IC
10
VA × IA
VB × IB
VC × IC
VB = −VA − VC
11
VA × IA
VB × IB
VC × IC
VB = −VA
Depending on the polyphase meter service, choose the appropriate
formula to calculate the active energy. The American ANSI
C12.10 standard defines the different configurations of the
meter. Table 15 describes which mode should be chosen in
these various configurations.
Table 15. Meter Form Configuration
ANSI Meter Form
Configuration
CONSEL
5S/13S
3-wire delta
01
6S/14S
4-wire wye
10
8S/15S
4-wire delta
11
9S/16S
4-wire wye
00
Bits[1:0] (WATTACC[1:0]) in the ACCMODE[7:0] register
determine how the CF frequency output can be generated as a
function of the total and fundamental active powers. Whereas
the watt-hour accumulation registers accumulate the active
power in a signed format, the frequency output can be
generated in signed mode or in absolute mode as a function
of the WATTACC[1:0] bits. See the Energy-to-Frequency
Conversion section for details.
Line Cycle Active Energy Accumulation Mode
In line cycle energy accumulation mode, the energy accumula-
tion is synchronized to the voltage channel zero crossings such
that active energy is accumulated over an integral number of
half-line cycles. The advantage of summing the active energy
over an integer number of line cycles is that the sinusoidal compo-
nent in the active energy is reduced to 0. This eliminates any
ripple in the energy calculation and allows the energy to be
accumulated accurately over a shorter time. By using the line
cycle energy accumulation mode, the energy calibration can be
greatly simplified, and the time required to calibrate the meter
can be significantly reduced. In line cycle energy accumulation
mode, the ADE7878 transfers the active energy accumulated in the
32-bit internal accumulation registers into the xWATHHR[31:0] or
xFWATTHR[31:0] register after an integral number of line
cycles, as shown in Figure 64. The number of half-line cycles is
specified in the LINECYC[15:0] register.
ZERO
CROSSING
DETECTION
(PHASE A)
ZERO
CROSSING
DETECTION
(PHASE B)
CALIBRATION
CONTROL
ZERO
CROSSING
DETECTION
(PHASE C)
LINECYC[15:0]
AWATTHR[31:0]
ZXSEL[0] IN
LCYCMODE[7:0]
ZXSEL[1] IN
LCYCMODE[7:0]
ZXSEL[2] IN
LCYCMODE[7:0]
OUTPUT
FROM
LPF2
AWGAIN
AWATTOS
ACCUMULATOR
WTHR[47:0]
32 BIT
REGISTER
Figure 64. Line Cycle Active Energy Accumulation Mode
The line cycle energy accumulation mode is activated by setting
Bit 0 (LWATT) in the LCYCMODE[7:0] register. The energy accu-
mulation over an integer number of half-line cycles is written
to the watt-hour accumulation registers after LINECYC[15:0]
number of half-line cycles are detected. When using the line
cycle accumulation mode, the Bit 6 (RSTREAD) of the
LCYCMODE[7:0] register should be set to Logic 0 because
the read with reset of watt-hour registers is not available in
this mode.
Phase A, Phase B, and Phase C zero crossings are, respectively,
included when counting the number of half-line cycles by setting
Bits[5:3] (ZXSEL) in the LCYCMODE[7:0] register. Any combi-
nation of the zero crossings from all three phases can be used
for counting the zero crossing. Select only one phase at a time
for inclusion in the zero crossings count during calibration.
The number of zero crossings is specified by the LINECYC[15:0]
16-bit unsigned register. The ADE7878 can accumulate active
power for up to 65,535 combined zero crossings. Note that the
internal zero-crossing counter is always active. By setting Bit 0
(LWATT) in the LCYCMODE[7:0] register, the first energy
accumulation result is, therefore, incorrect. Writing to the
LINECYC[15:0] register when the LWATT bit is set resets the
zero-crossing counter, thus ensuring that the first energy
accumulation result is accurate.
At the end of an energy calibration cycle, Bit 5 (LENERGY) in
the STATUS0[31:0] register is set. If the corresponding mask bit
in the MASK0[31:0] interrupt mask register is enabled, the
IRQ0 pin also goes active low. The status bit is cleared and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com