Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7878ACPZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 20Page - Analog Devices ADE7878ACPZ Datasheet HTML 21Page - Analog Devices ADE7878ACPZ Datasheet HTML 22Page - Analog Devices ADE7878ACPZ Datasheet HTML 23Page - Analog Devices ADE7878ACPZ Datasheet HTML 24Page - Analog Devices ADE7878ACPZ Datasheet HTML 25Page - Analog Devices ADE7878ACPZ Datasheet HTML 26Page - Analog Devices ADE7878ACPZ Datasheet HTML 27Page - Analog Devices ADE7878ACPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
ADE7878
Rev. 0 | Page 24 of 92
THEORY OF OPERATION
ANALOG INPUTS
The ADE7878 has seven analog inputs forming current and
voltage channels. The current channels consist of four pairs of
fully differential voltage inputs: IAP and IAN, IBP and IBN, ICP
and ICN, and INP and INN. These voltage input pairs have a
maximum differential signal of ±0.5 V. In addition, the
maximum signal level on analog inputs for IxP/IxN is ±0.5 V
with respect to AGND. The maximum common-mode signal
allowed on the inputs is ±25 mV. Figure 24 presents a schematic
of the current channels inputs and their relation to the
maximum common-mode voltage.
All inputs have a programmable gain amplifier (PGA) with a
possible gain selection of 1, 2, 4, 8, or 16. The gain of IA, IB, and
IC inputs is set in Bits[2:0] (PGA1) of the Gain[15:0] register.
The gain of the IN input is set in Bits[5:3] (PGA2) of the
Gain[15:0] register; thus, a different gain from the IA, IB, or IC
inputs is possible. See Table 38 for details on the Gain[15:0]
register.
The voltage channel has three single-ended voltage inputs: VAP,
VBP, and VCP. These single-ended voltage inputs have a maximum
input voltage of ±0.5 V with respect to VN. In addition, the max-
imum signal level on analog inputs for VxP and VN is ±0.5 V
with respect to AGND. The maximum common-mode signal
allowed on the inputs is ±25 mV. Figure 26 presents a schematic
of the voltage channels inputs and their relation to the maximum
common-mode voltage.
All inputs have a programmable gain with a possible gain
selection of 1, 2, 4, 8, or 16. The setting is done using Bits[8:6]
(PGA3) in the Gain[15:0] register (see Table 38).
Figure 25 shows how the gain selection from the Gain[15:0]
register works in both current and voltage channels.
IAP, IBP,
ICP OR INP
IAN, IBN,
ICN OR INN
VCM
V2
V1
+500mV
VCM
V1 + V2
DIFFERENTIAL INPUT
V1 + V2 = 500mV MAX PEAK
COMMON MODE
VCM = ±25mV MAX
–500mV
Figure 24. Maximum Input Level, Current Channels, Gain = 1
ANALOG-TO-DIGITAL CONVERSION
The ADE7878 has seven sigma-delta (Σ-Δ) analog-to-digital
converters (ADCs). In PSM0 mode, all ADCs are active. In
PSM1 mode, the ADCs that measure the Phase A, Phase B, and
Phase C currents only are active. The ADCs that measure the
neutral current and the A, B, and C phase voltages are turned
off. In PSM2 and PSM3 modes, the ADCs are powered down to
minimize power consumption.
For simplicity, the block diagram in Figure 27 shows a first-
order Σ-Δ ADC. The converter is made up of the Σ-Δ modulator
and the digital low-pass filter.
A Σ-Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE7878, the sampling clock is equal to 1.024 MHz
(CLKIN/16). The 1-bit DAC in the feedback loop is driven by
the serial data stream. The DAC output is subtracted from the
input signal. If the loop gain is high enough, the average value
of the DAC output (and therefore the bit stream) can approach
that of the input signal level. For any given input value in a
single sampling interval, the data from the 1-bit ADC is
virtually meaningless. Only when a large number of samples is
averaged is a meaningful result obtained. This averaging is
carried out in the second part of the ADC, the digital low-pass
filter. By averaging a large number of bits from the modulator,
the low-pass filter can produce 24-bit data-words that are
proportional to the input signal level.
K × VIN
GAIN
SELECTION
IxN, VN
IxP, VyP
VIN
NOTES
1. x = A, B, C, N
y = A, B, C.
Figure 25. PGA in Current and Voltage Channels
VAP, VBP
OR VCP
VN
VCM
V1
+500mV
VCM
V1
DIFFERENTIAL INPUT
V1 + V2 = 500mV MAX PEAK
COMMON MODE
VCM = ±25mV MAX
–500mV
Figure 26. Maximum Input Level, Voltage Channels, Gain = 1
24
DIGITAL
LOW-PASS
FILTER
R
C
+
CLKIN/16
INTEGRATOR
VREF
1-BIT DAC
LATCHED
COMPARATOR
ANALOG
LOW-PASS FILTER
.....10100101.....
+
Figure 27. First-Order
Σ-Δ ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com