Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7878ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 2Page - Analog Devices ADE7878ACPZ Datasheet HTML 3Page - Analog Devices ADE7878ACPZ Datasheet HTML 4Page - Analog Devices ADE7878ACPZ Datasheet HTML 5Page - Analog Devices ADE7878ACPZ Datasheet HTML 6Page - Analog Devices ADE7878ACPZ Datasheet HTML 7Page - Analog Devices ADE7878ACPZ Datasheet HTML 8Page - Analog Devices ADE7878ACPZ Datasheet HTML 9Page - Analog Devices ADE7878ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
ADE7878
Rev. 0 | Page 6 of 92
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
DC Power Supply Rejection
VDD = 3.3 V ± 330 mV dc
Output Frequency Variation
0.01
%
Total Reactive Energy Measurement
Bandwidth
2
kHz
RMS MEASUREMENTS
I rms and V rms Measurement
Bandwidth
2
kHz
I rms and V rms Measurement Error
(PSM0 Mode)
0.1
%
Over a dynamic range of 1000 to 1, PGA = 1
MEAN ABSOLUTE VALUE (MAV)
MEASUREMENT
Imav Measurement Bandwidth (PSM1
Mode)
260
Hz
Imav Measurement Error (PSM1 Mode)
0.5
%
Over a dynamic range of 100 to 1, PGA = 1
ANALOG INPUTS
Maximum Signal Levels
±500
mV peak
Differential inputs between the following
pins: IAP and IAN, IBP and IBN, ICP and ICN;
single-ended inputs between the following
pins: VAP and VN, VBP and VN, VCP and VN
Input Impedance (DC)
IAP, IAN, IBP, IBN, ICP, ICN, VAP, VBP,
VCP Pins
400
VN Pin
130
ADC Offset Error
±20
mV
PGA = 1, uncalibrated error, see the
Terminology section
Gain Error
±4
%
External 1.2 V reference
WAVEFORM SAMPLING
Sampling CLKIN/2048, 16.384 MHz/2048 =
8 kSPS
Current and Voltage Channels
See Waveform Sampling Mode section
Signal-to-Noise Ratio, SNR
70
dB
PGA = 1
Signal-to-Noise-and-Distortion Ratio,
SINAD
65
dB
PGA = 1
Bandwidth (−3 dB)
2
kHz
TIME INTERVAL BETWEEN PHASES
Measurement Error
0.3
Degrees
Line frequency = 45 Hz to 65 Hz, HPF on
CF1, CF2, CF3 PULSE OUTPUTS
Maximum Output Frequency
8
kHz
WTHR = VARTHR = VATHR = PMAX = 33,516,139
Duty Cycle
50
%
If CF1, CF2, or CF3 frequency > 6.25 Hz and
CFDEN is even and > 1
(1 + 1/CFDEN)
× 50%
If CF1, CF2, or CF3 frequency > 6.25 Hz and
CFDEN is odd and > 1
Active Low Pulse Width
80
ms
If CF1, CF2, or CF3 frequency < 6.25 Hz
Jitter
0.04
%
For CF1, CF2, or CF3 frequency = 1 Hz and
nominal phase currents are larger than 10%
of full scale
REFERENCE INPUT
REFIN/OUT Input Voltage Range
1.1
1.3
V
Minimum = 1.2 V − 8%; maximum = 1.2 V + 8%
Input Capacitance
10
pF
ON-CHIP REFERENCE
Nominal 1.2 V at REFIN/OUT pin at TA = 25°C
PSM0 and PSM1 Modes
Reference Error
±0.9
mV max
Output Impedance
1.4
kΩ min
Temperature Coefficient
10
50
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com