Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2095A Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2095A
Description  36-40GHz Low Noise Very High Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2095A Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2095A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHA2095a
36-40GHz Low Noise Amplifier
Ref. : DSCHA20958147
4/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on Wafer Measurements
Tamb = +25°C
Noise figure versus drain current 60, 85, 100mA:
Wide band on wafer Sij parameter measurements :
CHA2095 Vd=3,5v Id= 60 and 85 and 100mA
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
34
35
36
37
38
39
40
frequency (Ghz)
Gain (dB)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
NF (dB)
Gain_60mA
Gain_85mA
Gain_100mA
NF_60mA
NF_85mA
NF_100mA
CHA2095 Vd=3,5v Id=90mA
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
30
35
40
45
50
55
Frequency ( GHz )
RLoss_IN
RLoss_OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com