Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2095A Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2095A
Description  36-40GHz Low Noise Very High Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2095A Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2095A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHA2095a
Ref. : DSCHA20958147
1/7
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
36-40GHz Low Noise Very High Gain Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2095a is a four-stage monolithic low
noise amplifier. It is designed for a wide range
of applications, from military to commercial
communication systems.
The circuit is manufactured with a HEMT
process : 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
¦
Broadband performances
¦
3.5dB Noise Figure
¦
26dB gain
¦
±1.0dB gain flatness
¦
Low DC power consumption, 90mA @ 3.5V
¦
Chip size :
2.07 X 1.11 X 0.10 mm
Vd
Vd
Vg 1,2
Vg 3,4
In
Out
Typical on wafer measurements :
Frequency (GHz)
0
5
10
15
20
25
30
30
35
40
45
50
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
40
GHz
G
Small signal gain
22
26
dB
P1dB
Output power at 1dB gain compression
8
10
dBm
NF
Noise figure
3.5
4.0
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA2095A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2095A UMS-CHA2095A Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
More results

Similar Description - CHA2095A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com