Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2095A Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA2095A
Description  36-40GHz Low Noise Very High Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2095A Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA2095A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CHA2095a
36-40GHz Low Noise Amplifier
Ref. : DSCHA20958147
6/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Bias Tuning for Low Noise Operation
The circuit schematic is given below :
IN
OUT
Vd
Vg 1,2
Vg 3,4
Vd
100
100
50
50
For low noise operation, a separate access to the gate voltages of the two first stages ( Vg1,2 ), and
of the two last stage ( Vg3,4 ) is provided. Nominal bias is obtained for a typical current of 60 mA for
the output stages and 30 mA for the two first stages ( 90 mA for the amplifier ).
The first step to bias the amplifier is to tune Vg1,2 = -1V, and Vg3,4 to drive 60 mA for the full
amplifier. Then Vg1,2 is increased to obtain 90 mA of current through the amplifier. A fine tuning of
the noise figure may be obtained by modifying the Vg1,2 bias voltage, but keeping the previous value
for Vg3,4.
It is possible to reduce the total DC current by biasing Vg3,4 to a more negative value. The
consequences will be a reduction of gain and of the output power capabilities of the amplifier.
Vd could be adjust in such a way that the Vds ( Drain to Source voltage of the internal transistor ) is
kept below 3.5V, knowing that all the transistor have the same size, and with the given resistors.
Ordering Information
Chip form
:
CHA2095a99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com