Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3524 Datasheet(PDF) 78 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 78 Page - ams AG

Back Button AS3524 Datasheet HTML 74Page - ams AG AS3524 Datasheet HTML 75Page - ams AG AS3524 Datasheet HTML 76Page - ams AG AS3524 Datasheet HTML 77Page - ams AG AS3524 Datasheet HTML 78Page - ams AG AS3524 Datasheet HTML 79Page - ams AG AS3524 Datasheet HTML 80Page - ams AG AS3524 Datasheet HTML 81Page - ams AG AS3524 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
78
- 124
•
clock domain crossing: the FiFo is at the boarder of clock domain PCLK and DBOPCLK. All necessary synchronisation is done internally. All
flags are available as push flags (synchronised to the push clock PCLK) and pop flags (synchronised to the POP clk, which is synchronous to
DBOPCLK.
The FiFo controller gives empty, almost empty, half full, almost full and full flags which are available in two fashions: synchronous to the push or the
pop side (pop_empty, push_empty, …).
5.3.12.3 Control Signal Generator
Four independent control signals can be generated: typical application for such signals is a 80xx interface with RS, RD*, WR* and E or a 68xx
interface with RS, E, RWN. The idea of this control signal generator is a general-purpose block, which generates any signal timing/waveform that is
necessary to transfer the data to any specific display.
Polarity Parameters
For each of the control signals c0 - c3 following polarity parameters are defined:
•
p0 … polarity 0 at start of cycle
•
p1 … polarity 1 following polarity 0
•
p2 … polarity 2 following polarity 1
Following figure shows an example for timing waveforms defined with these control parameters.
Figure 32 DBOP timing waveform
Tperiod
D1
D2
P0, P1, P2 = 000
P0, P1, P2 = 001
P0, P1, P2 = 010
P0, P1, P2 = 011
P0, P1, P2 = 100
P0, P1, P2 = 101
P0, P1, P2 = 110
P0, P1, P2 = 111
Static 0
NRZ 1
RZ 1
NRZ 1
RZ 1
RZ 1
Static 1
RO 1
T1
T2
T1
T2
Quiescent State
The control signals are only generated with each data output cycle (data output cycles are generated as long as the FiFo is not empty). With FiFo
empty and in the absence of a read cycle, all control signals are set to a quiescent state. For each control signal, this quiescent state can be
programmed either to 1 or 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com