Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3524 Datasheet(PDF) 19 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 19 Page - ams AG

Back Button AS3524 Datasheet HTML 15Page - ams AG AS3524 Datasheet HTML 16Page - ams AG AS3524 Datasheet HTML 17Page - ams AG AS3524 Datasheet HTML 18Page - ams AG AS3524 Datasheet HTML 19Page - ams AG AS3524 Datasheet HTML 20Page - ams AG AS3524 Datasheet HTML 21Page - ams AG AS3524 Datasheet HTML 22Page - ams AG AS3524 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
19
- 124
5.2.2 On-Chip ROM
5.2.2.1
ROM Controller
The ROM controller implements the AHB slave interface for accessing the ROM.
The ROM controller generates OK response for all reads and error response for all writes.
Access width is always 32 bits.
5.2.2.2
1MBIT ROM
128 KByte of on-chip mask-programmable ROM are included.
The ROM is metal mask programmable by a single mask change (VIA2).
The ROM contains the following firmware package
Boot loader
5.2.2.3
ROM versions and chip versions
There are two versions of the chip with changed Bootloader functionality available
Version C21: Bootloader supports basic function for boot from external Nor Flash (ST or ATMEL).
Version C22: Bootloader supports extended boot functions
These two chip versions differ only in the ROM content.
5.2.3 VIC – Vectored Interrupt Controller
The ARM PrimeCell™ PL190 “vectored interrupt controller” is included in the AHB system.
5.2.3.1
Features
AMBA specification Rev 2.0 compliant
support for 32 standard interrupts
support for 16 vectored interrupts
hardware interrupt priority
IRQ and FIQ generation
AHB mapped for fast interrupt response
software interrupt generation
test registers
raw interrupt status
interrupt request status
interrupt masking
privileged mode supportBlock Diagram
Figure 6 VIC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com