Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3524 Datasheet(PDF) 35 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 35 Page - ams AG

Back Button AS3524 Datasheet HTML 31Page - ams AG AS3524 Datasheet HTML 32Page - ams AG AS3524 Datasheet HTML 33Page - ams AG AS3524 Datasheet HTML 34Page - ams AG AS3524 Datasheet HTML 35Page - ams AG AS3524 Datasheet HTML 36Page - ams AG AS3524 Datasheet HTML 37Page - ams AG AS3524 Datasheet HTML 38Page - ams AG AS3524 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
35
- 124
5.3
APB Peripheral Block
5.3.1 Timers
The Dual Input Timers module is an APB slave that provides access to two interrupt-generating, programmable 32-bit free-running decrementing
counters (FRCs). The system clock (PCLK) is used to control the programmable registers, and the second clock input is used to drive the counter,
enabling the counters to run from a much slower clock than the system clock. This input clock of the counters (TIMCLK) is connected to a clock
derived (divided by 16) from the main clock (clk_main) signal. That clock clk_main is always running and is coming from the internal or external
oscillator (set by clk_sel pad).
5.3.1.1 Timer modes
•
Free-running mode: the counter wraps after zero and continues at the maximum value. This is the default mode.
•
Periodic mode: reload of original value after wrapping past zero.
•
One-shot mode - interrupt is generated once, counter halts after reaching zero
Figure 14 Timer Block Diagram
Each timer has an identical set of registers shown in table Table 15. The operation of each timer is identical. The timer is loaded by writing to the
load register and, if enabled, counts down to zero. When a counter is already running, writing to the load register will cause the counter to
immediately restart at the new value. Writing to the background load value has no effect on the current count. The counter continues to decrement
to zero, and then recommences from the new load value (if in periodic mode, and one shot mode is not selected).
When zero is reached, an interrupt is generated. The interrupt can be cleared by writing to the clear register. If One Shot Mode is selected, the
counter halts on reaching zero One Shot Mode is deselected, or a new load value is written. Otherwise, after reaching a zero count, if the timer is
operating in free-running mode it continues to decrement from its maximum value. If periodic timer mode is selected, the timer reloads the count
value from the load register and continues to decrement. In this mode the counter effectively generates a periodic interrupt. The mode is selected
by a bit in the timer control register. At any point, the current counter value can be read from the value register. The counter is enabled by a bit in
the control register. At reset, the counter is disabled, the interrupt is cleared, and the load register is set to zero. The mode and prescale values are
set to free-running, and clock divide of 1 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com