Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5011 Datasheet(PDF) 1 Page - ams AG

Part # AS5011
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5011 Datasheet(HTML) 1 Page - ams AG

  AS5011 Datasheet HTML 1Page - ams AG AS5011 Datasheet HTML 2Page - ams AG AS5011 Datasheet HTML 3Page - ams AG AS5011 Datasheet HTML 4Page - ams AG AS5011 Datasheet HTML 5Page - ams AG AS5011 Datasheet HTML 6Page - ams AG AS5011 Datasheet HTML 7Page - ams AG AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AS5011
Low Power Integrated Hall IC for Human Interface Applications
Data Sheet
1
General Description
The AS5011 is a complete Hall Sensor IC for smart
navigation key applications to meet the low power
requirements and host SW integration challenges for
products such as cell phones and smart handheld
devices.
Due to the on chip processing engine, system
designers are not tasked with integrating complex SW
algorithms on their host processor thus leading to
rapid development cycles.
The AS5011 single-chip IC includes 4 integrated Hall
sensing elements for detecting up to ±2mm lateral
displacement, high resolution ADC, XY coordinate
and motion detection engine combined with a smart
power management controller.
The X and Y positions coordinates and magnetic field
information
for
each
Hall
sensor
element
is
transmitted over a 2-wire I²C compatible interface to
the host processor.
The
AS5011
is
available
in
a
small
16-pin
5x5x0.55mm QFN package and specified over an
operating temperature of
-20 to +80°C.
Figure 1 Typical Arrangement of AS5011 and Axial
Magnet
2
Benefits
Complete system-on-chip
High reliability due to non-contact sensing
Low power consumption
3
Key Features
2.7 to 3.6V operating voltage
Down to 1.8V peripheral supply voltage
Less than 200µA current consumption in Low
Power mode
Less than 50µA current consumption in Shutdown
mode
Lateral magnet movement radius up to 2mm
I²C interface up to 4MHz
Configurable interrupt output for motion detection
Three operating modes:
Shutdown mode
Low Power mode
Full Power mode
4
Applications
The AS5011 is ideal for small factor manual input
devices in battery operated equipment, such as
Mobile phones
MP3 players
PDA’s
GPS receivers
Gaming consoles
Figure 2 AS5011 Block Diagram
www.austriamicrosystems.com
Revision 3.10
1 – 16


Similar Part No. - AS5011

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5013 AMSCO-AS5013 Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
AS5013 AMSCO-AS5013 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
AS5013-IQFT AMSCO-AS5013-IQFT Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
AS5013 AMSCO-AS5013_V01 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
logo
Conesys Inc
AS50151 CONESYS-AS50151 Datasheet
124Kb / 1P
MIL-DTL-5015 Series III / AS50151 Rear Release
More results

Similar Description - AS5011

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
HUMAN INTERFACE DEVICE TUTORIAL
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B Datasheet
218Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
IRAM136-3063B IRF-IRAM136-3063B Datasheet
222Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
logo
ams AG
AS5013 AMSCO-AS5013 Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
logo
Grayhill, Inc
3D32XK-200 GRAYHILL-3D32XK-200 Datasheet
1Mb / 2P
INTUITIVE HUMAN INTERFACE SOLUTIONS
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
logo
ams AG
AS5013 AMSCO-AS5013_V01 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
logo
Delta Electronics, Inc.
DOP-AE57CSTD DELTA-DOP-AE57CSTD Datasheet
5Mb / 12P
Human Machine Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com