Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5011 Datasheet(PDF) 5 Page - ams AG

Part # AS5011
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5011 Datasheet(HTML) 5 Page - ams AG

  AS5011 Datasheet HTML 1Page - ams AG AS5011 Datasheet HTML 2Page - ams AG AS5011 Datasheet HTML 3Page - ams AG AS5011 Datasheet HTML 4Page - ams AG AS5011 Datasheet HTML 5Page - ams AG AS5011 Datasheet HTML 6Page - ams AG AS5011 Datasheet HTML 7Page - ams AG AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AS5011
Data Sheet
www.austriamicrosystems.com
6.4
Power modes
The AS5011 can operate in three different power modes, depending on the power consumption requirements of the
whole system.
Power Mode
[0x76] Register
Description
Sleep phase
Power state between wakeups in Shutdown and Low Power modes
RC clock and analog part OFF
Digital part in static mode
Shutdown mode
1001_x00x
LP_Pulsed = 1
LP_Active = 0
LP_Continue =
0
INT_wup_en =
1
Default mode after power on
<50µA current consumption
Wake up every 80ms from Sleep phase
Hall elements in reduced power during wake up
RC clock ON
Interrupt LOW on INTn if the magnet is away from the center above the
Xp Xn Yp Yn threshold values (1)
Low Power mode
110x_100x
LP_Pulsed = 1
LP_Active = 1
LP_Continue =
0
INT_act_en = 1
<200µA current consumption
Wake up every 20ms from Sleep phase
Hall elements in high power during wake up for better accuracy
RC clock ON
Interrupt LOW on INTn when XY coordinates are ready to be read (1)
Full Power mode
010x_y00x
LP_Pulsed = 0
LP_Active = 1
LP_Continue =
0
INT_act_en = y
<8mA current consumption
Continuous read
Hall elements in high power permanently
RC clock ON
Interrupt LOW on INTn when XY coordinates are ready to be read (1)
If INT_act_en = 1, after reading the XY coordinate, the next sample is
stored and won’t be updated until the next read of XY with interrupt
release.
If INT_act_int_en = 0, the last converted XY coordinate is read in real
time.
(1) The interrupt will be released to HIGH by reading the X_res_int or Y_res_int registers, or by switching the
device into a different power mode.
Table 2: Overview of typical power modes
Revision 3.10
5 – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com