Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5011 Datasheet(PDF) 4 Page - ams AG

Part # AS5011
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5011 Datasheet(HTML) 4 Page - ams AG

  AS5011 Datasheet HTML 1Page - ams AG AS5011 Datasheet HTML 2Page - ams AG AS5011 Datasheet HTML 3Page - ams AG AS5011 Datasheet HTML 4Page - ams AG AS5011 Datasheet HTML 5Page - ams AG AS5011 Datasheet HTML 6Page - ams AG AS5011 Datasheet HTML 7Page - ams AG AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AS5011
Data Sheet
www.austriamicrosystems.com
6.3
Magnet-chip surface airgap range
The relation between the magnet physical position and the resulting XY registers depends on the magnet
type/size/shape, and the airgap between the magnet and the top (or bottom) surface of the AS5011.
The measurements on Figure 6, Figure 6 Figure 8 have been processed with the AS5000-MA2H-1 d2x0.8mm
cylinder magnet, available on austriamicrosystems website. For those magnets, used in EasyPoint modules EP40
and EP50, the airgap range is typically 0~3mm.
The following diagrams show the relation between the X register value and the physical X coordinate (±2mm
horizontal displacement, 0mm is the center of the chip package) of the magnet at different airgaps. The resulting X
value range decreases when the airgap increases
The Y axis measurements are the same as the X axis ones.
Airgap 500um
-80
-60
-40
-20
0
20
40
60
80
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
Magnet position (um)
Airgap 1500um
-50
-40
-30
-20
-10
0
10
20
30
40
-2.500 -2.000 -1.500 -1.000
-500
0
500
1.000
1.500
2.000
2.500
Magnet position (um)
Figure 6: X register / X displacement (500um airgap)
Figure 7: X register / X displacement (1500um airgap)
Airgap 2500um
-30
-20
-10
0
10
20
30
-2.500 -2.000 -1.500 -1.000
-500
0
500
1.000
1.500
2.000
2.500
Magnet position (um)
Figure 8: X register / X displacement (2500um airgap)
Revision 3.10
4 – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com