Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8118 Datasheet(PDF) 24 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 24 Page - ams AG

Back Button AS8118 Datasheet HTML 20Page - ams AG AS8118 Datasheet HTML 21Page - ams AG AS8118 Datasheet HTML 22Page - ams AG AS8118 Datasheet HTML 23Page - ams AG AS8118 Datasheet HTML 24Page - ams AG AS8118 Datasheet HTML 25Page - ams AG AS8118 Datasheet HTML 26Page - ams AG AS8118 Datasheet HTML 27Page - ams AG AS8118 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 24 of 30
Parts List
Designation
Value
Unit
Description
AS8118
Single Phase Average Energy Metering IC
Rshunt
300
µOhm
Precision Resistor, ±5%
R1A
820
kOhm
Resistor, 0.6W, ±10%
R1B
750
kOhm
Resistor, 0.6W, ±10%
R2
820
Ohm
SMD Resistor, ±1%
R3, R4, R5, R6
680
Ohm
SMD Resistor, ±1%
R7
470
Ohm
Resistor, 1W, ±5%
C1
68
nF
SMD Capacitor, ±5%
C2, C3, C4, C5
33
nF
SMD Capacitor, ±5%
C6
10
nF
Capacitor (Polypropylene), 1000VDC/250VAC, ±10%
C7
470
nF
Capacitor (Polypropylene), 1000VDC/250VAC, ±10%
C8
470
µF
Capacitor (Electrolytic), ±20%
C9, C10
100
nF
SMD Capacitor, ±5%
C11
10
µF
Capacitor (Electrolytic) , ±10%
C12
220
µF
Capacitor (Electrolytic) , ±20%
C13, C14
100
nF
SMD Capacitor, ±10%
IC1
LM78L05 Voltage Regulator, ±5%
XTAL
3.579545
MHz
Quartz Crystal or Ceramic Resonator, 20ppm/K
D1
BZV85-C15 Zener Diode, 1.3W, 15V, ±5%
D2
1N4007 Diode
VAR S20K275
Varistor, VRMS = 275V, VDC = 350V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com