Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8118 Datasheet(PDF) 27 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 27 Page - ams AG

Back Button AS8118 Datasheet HTML 22Page - ams AG AS8118 Datasheet HTML 23Page - ams AG AS8118 Datasheet HTML 24Page - ams AG AS8118 Datasheet HTML 25Page - ams AG AS8118 Datasheet HTML 26Page - ams AG AS8118 Datasheet HTML 27Page - ams AG AS8118 Datasheet HTML 28Page - ams AG AS8118 Datasheet HTML 29Page - ams AG AS8118 Datasheet HTML 30Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 27 of 30
Package Dimensions
PDIP-18
0.900 (18 lead)
0.756 (16 lead)
(ALL DIMENSIONS IN INCH)
SOIC-18
PARTING LINE
DETAIL A
.013
.018
.034
.040
.018
.024
L
45°
END VIEW
h x 45°
SEE DETAIL A
C
A
2
SIDE VIEW
SEATING PLANE
A
1
D
e
B
A
TOP VIEW
h x 45°
H
E
.045
.055
.040
.050
DIA.
.035
.045
(ALL DIMENSIONS IN INCH)
COMMON DIMENSIONS
SYMBOL
MIN
NOM
MAX
NOTE
A
.097
.101
.104
A1
.0050
.009
.0115
A2
.090
.092
.094
B
.014
.016
.019
C
.0091
.010
.0125
D
SEE VARIATIONS
3
E
.292
.296
.299
e
.050
H
.400
.406
.410
h
.010
.013
.016
L
.024
.032
.040
N
SEE VARIATIONS
5
0°
5°
8°
X
.085
.093
.100
VARIATIONS
NOTE 3 (D)
NOTE 5
SYMBOL
MIN
NOM
MAX
(N)
AA
.402
.407
.412
16
AB
.451
.456
.461
18
AC
.500
.505
.510
20
AD
.602
.607
.612
24
AE
.701
.706
.711
28
Ordering Information
Part Number
Package
AS8118D18
DIP-18
AS8118S18
SOIC-18
AS8118 Evaluation Kit
DIP-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com