Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1790-3302E/EB Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1790-3302E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3302E/EB Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1790-3302E/EB Datasheet HTML 4Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 5Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 6Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 7Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 8Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 9Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 10Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 11Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP1790/MCP1791
DS22075A-page 8
© 2008 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise indicated, C
OUT = 4.7 uF Ceramic (X7R), CIN = 10.0 µF Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C,
VIN = 6.0V, RPWRGD_PULLUP = 10 kΩ To VOUT, VSHDN = VIN, and device is MCP1790.
Note: Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to the desired
junction temperature. The test time is small enough such that the rise in Junction Temperature over the Ambient temperature is not
significant.
FIGURE 2-1:
Power Good Time Delay vs.
Temperature (MCP1791).
FIGURE 2-2:
Quiescent Current vs. Input
Voltage.
FIGURE 2-3:
Quiescent Current vs. Input
Voltage.
FIGURE 2-4:
Quiescent Current vs.
Junction Temperature.
FIGURE 2-5:
Ground Current vs. Load
Current.
FIGURE 2-6:
ISHDN vs Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 5.0V
IOUT = 0 µA
VIN = 10V,15V,25V,30V
VIN = 6V
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
Input Voltage (V)
VOUT = 3.3V
IOUT = 0 µA
+25°C
+130°C
-45°C
0°C
+90°C
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
Input Voltage (V)
VOUT = 5.0V
IOUT = 0 µA
+25°C
+130°C
-45°C
0°C
+90°C
0.00
20.00
40.00
60.00
80.00
100.00
120.00
-45
-20
5
30
55
80
105
130
Junction Temperature (°C)
VIN = 6V
IOUT = 0µA
VOUT = 5.0V
VOUT = 3.3V
VOUT = 3.0V
0
20
40
60
80
100
120
140
0
102030
405060
70
Load Current (mA)
VOUT = 5.0V
VOUT = 3.0V
VOUT = 3.3V
0
4
8
12
16
20
24
28
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN = 6.0V
VIN = 10V, 30V
VREG = 3.0V
VSHDN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com