Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1790-3302E/EB Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1790-3302E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3302E/EB Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1790-3302E/EB Datasheet HTML 13Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 14Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 15Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 16Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 17Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 18Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 19Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 20Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22075A-page 17
MCP1790/MCP1791
4.9
Power Good Output (PWRGD)
The MCP1791 has an open-drain Power Good
(PWRGD) output signal capable of sinking a minimum
of 5.0 mA of current while maintaining a PWRGD
output voltage of 0.4V or less.
As the output voltage of the LDO rises, the PWRGD
output will be held low until the output voltage has
exceeded the power good threshold (VPWRGD_TH) level
by an amount equal to the power good hysteresis value
((VPWRGD_HYS), typically 2% of VR. Once this threshold
has been exceeded, the power good output signal will
be pulled high by an external pull-up resistor, indicating
that the output voltage is stable and within regulation
limits.
If the output voltage of the LDO falls below the power
good threshold (VPWRGD_TH) level, the power good
output will transition low. The power good circuitry has
a 235 µs delay when detecting a falling output voltage,
which helps to increase noise immunity of the power
good output and avoid false triggering of the power
good output during fast output transients. See
Figure 4-4 for power good timing characteristics.
When the LDO is put into Shutdown mode using the
SHDN input, the power good output is pulled low within
400 ns typical, indicating that the output voltage will be
out of regulation. The timing diagram for the power
good output when using the shutdown input is shown in
Figure 4-5.
The PWRGD output may be pulled up to either VIN or
VOUT. When pulled to VOUT, the PWRGD output will
sink very little current during shutdown. When PWRGD
is pulled up to VIN , the PWRGD output will sink current
during shutdown. That is because VOUT is 0 during
shutdown while VIN is still active. When the PWRGD
output is pulled to VIN , the PWRGD output signal will
track VIN at startup until the threshold of the PWRGD
circuitry has been reached and the PWRGD circuitry
pulls the signal back low. Therefore, when pulling
PWRGD to VIN instead of VOUT, the designer must be
aware of the PWRGD signal going high while the input
voltage is rising at startup. Pulling PWRGD to VOUT
removes the startup pulse.
FIGURE 4-4:
Power Good Timing.
FIGURE 4-5:
Power Good Timing from
Shutdown.
TPG
TVDET_PWRGD
VPWRGD_TH
VOUT
PWRGD
VOL
VOH
VPWRGD_HYS
30 µs
235 µs
VIN
SHDN
VOUT
100 µs
100 µs
TOR
PWRGD
TPG
CLOAD = 1.0 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com