Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1790-3302E/EB Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1790-3302E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3302E/EB Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1790-3302E/EB Datasheet HTML 10Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 11Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 12Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 13Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 14Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 15Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 16Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 17Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP1790/MCP1791
DS22075A-page 14
© 2008 Microchip Technology Inc.
4.0
DEVICE OVERVIEW
The MCP1790/MCP1791 are high input voltage regula-
tors capable of providing up to 70 mA of current at
output voltages up to 5.0V. The devices have an input
voltage operating range from 6.0V to 30V, 48V absolute
max. The MCP1790 devices are 3-pin devices consist-
ing of VIN, VOUT, and GND. The MCP1791 devices
have 5 or more pins which add Shutdown and
Power-Good functions to the MCP1790 device.
4.1
Startup
In the start phase, the device must see at least 6.0V to
initiate operation during power up. In the Power-down
mode, the VIN monitor will be turned off.
4.2
Thermal Shutdown
The regulator has a thermal shutdown. If the thermal
protection
circuit
detects
an
over
temperature
condition, typically 157°C junction temperature, the
regulator will shut down. The device will recover from
the thermal shutdown when the junction temperature
drops to 137°C (typical).
4.3
Regulator Output Voltage
The MCP1790/MCP1791 regulators are available in
fixed output voltage configurations. The standard
output voltages are 3.0V, 3.3V, and 5.0V.
4.4
External Protection
4.4.1
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
The regulator is capable of withstanding a 48V
(43.5V ±10) load dump transient for a duration of
180 ms
and
a
repetition
rate
of
30
seconds
(ES-XW7T-1A278-AC, Ford Motor Company, Test
Pulse G Loaded).
While not necessary, good design practice dictates
adding an external transient suppressor, between VBB
and ground, with a low value resistor in series with the
battery supply and the VIN pin, to limit currents and
voltages due to electrical transients. Because of the
regulator startup current, the resistor value should be
less than (VBAT -6V) / 200 mA. For a 12V battery volt-
age, the resistor value should be less than 30 ohms.
4.4.2
REVERSE BATTERY PROTECTION
An external reverse battery blocking diode may be
used to provide polarity protection.
FIGURE 4-1:
MCP1790/MCP1791 Block Diagram.
-
+
VIN
Monitoring VIN
Temp
Sensor
T1
T2
VOUT
PWRGD
Soft Start
Delay
Reference
Voltage
T2
T1
Error Amplifier
Logical Block
Delay
Short Circuit
Protection
VIN
Monitoring VOUT
en
510k
490k
GND
en
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com