Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2941CDCB Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2941CDCB
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941CDCB Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2941CDCB Datasheet HTML 3Page - Linear Technology LTC2941CDCB Datasheet HTML 4Page - Linear Technology LTC2941CDCB Datasheet HTML 5Page - Linear Technology LTC2941CDCB Datasheet HTML 6Page - Linear Technology LTC2941CDCB Datasheet HTML 7Page - Linear Technology LTC2941CDCB Datasheet HTML 8Page - Linear Technology LTC2941CDCB Datasheet HTML 9Page - Linear Technology LTC2941CDCB Datasheet HTML 10Page - Linear Technology LTC2941CDCB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2941
7
2941f
OPERATION
Overview
The LTC2941 is a battery gas gauge device designed for
use with single Li-Ion cells and other battery types with
a terminal voltage between 2.7V and 5.5V. A precision
coulomb counter integrates current through a sense
resistor between the battery’s positive terminal and the
load or charger.
Coulomb Counter
Charge is the time integral of current. The LTC2941 mea-
sures battery current by monitoring the voltage developed
across a sense resistor and then integrates this information
to infer charge. The differential voltage between SENSE+
and SENSE– is applied to an auto-zeroed differential analog
integrator to convert the measured current to charge.
When the integrator output ramps to REFHI or REFLO
levels, switches S1, S2, S3 and S4 toggle to reverse the
ramp direction. By observing the condition of the switches
and the ramp direction, polarity is determined.
A programmable prescaler is incremented or decremented
every time the integrator changes ramp direction. The
prescaler effectively increases integration time by a factor
M programmable from 1 to 128. At each under or overflow
of the prescaler, the accumulated charge is incremented or
decremented one count. The value of accumulated charge
is read via the I2C interface.
Power-Up Sequence
When VSENSE+ rises above a threshold of approximately
2.5V, the LTC2941 generates an internal power-on reset
(POR) signal and sets all registers to their default state.
In the default state, the coulomb counter is active. The
accumulated charge is set to mid-scale (7FFFh), the
low threshold registers are set to 0000h and all the high
threshold registers are set to FFFFh. The alert mode is
enabled and the coulomb counter pre-scaling factor M
is set to 128.
–
+
–
+
+
S4
REFHI
REFLO
S3
S2
S1
LOAD
CHARGER
SENSE+
RSENSE
BATTERY
IBAT
1
5
SENSE–
6
GND
2
POLARITY
DETECTION
CONTROL
LOGIC
PRE-
SCALER
M
I2C/
SMBus
REGISTERS
AL/CC
3
SCL
4
SDA
2941 F03
STATUS
CONTROL
ACR
THRESHOLDS
VSUPPLY
Figure 3. Coulomb Counter Section of the LTC2941



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com