Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2941CDCB Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2941CDCB
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941CDCB Datasheet(HTML) 4 Page - Linear Technology

  LTC2941CDCB Datasheet HTML 1Page - Linear Technology LTC2941CDCB Datasheet HTML 2Page - Linear Technology LTC2941CDCB Datasheet HTML 3Page - Linear Technology LTC2941CDCB Datasheet HTML 4Page - Linear Technology LTC2941CDCB Datasheet HTML 5Page - Linear Technology LTC2941CDCB Datasheet HTML 6Page - Linear Technology LTC2941CDCB Datasheet HTML 7Page - Linear Technology LTC2941CDCB Datasheet HTML 8Page - Linear Technology LTC2941CDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2941
4
2941f
TYPICAL PERFORMANCE CHARACTERISTICS
Total Charge Error vs Differential
Sense Voltage
Total Charge Error vs Supply
Voltage
Total Charge Error vs Temperature
Supply Current vs Supply Voltage
Shutdown Supply Current vs
Supply Voltage
VSENSE (mV)
0.1
–1
0
–2
2
1
1
10
100
2941 G01
–3
3
VSENSE+ = 2.7V
VSENSE+ = 4.2V
VSENSE
+ (V)
2.5
–1.00
–0.50
–0.25
0
1.00
0.25
3.5
4.5
5.0
2941 G02
–0.75
0.50
0.75
3.0
4.0
5.5
6.0
VSENSE = –50mV
VSENSE = –10mV
TEMPERATURE (°C)
–50
–1.00
–0.50
–0.25
0
0.50
25
50
2941 G03
–0.75
0.75
1.00
0.25
–25
0
75
100
VSENSE = –50mV
VSENSE = –10mV
VSENSE
+ (V)
2.5
80
90
100
4.0
5.0
2941 G04
70
60
3.0
3.5
4.5
5.5
6.0
50
40
TA = 25°C
TA = –40°C
TA = 85°C
VSENSE
+ (V)
2.5
0
1.0
2.0
3.5
4.5
5.0
2941 G05
0.5
1.5
3.0
4.0
5.5
6.0
TA = 25°C
TA = –40°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com