Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2941CDCB Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2941CDCB
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941CDCB Datasheet(HTML) 1 Page - Linear Technology

  LTC2941CDCB Datasheet HTML 1Page - Linear Technology LTC2941CDCB Datasheet HTML 2Page - Linear Technology LTC2941CDCB Datasheet HTML 3Page - Linear Technology LTC2941CDCB Datasheet HTML 4Page - Linear Technology LTC2941CDCB Datasheet HTML 5Page - Linear Technology LTC2941CDCB Datasheet HTML 6Page - Linear Technology LTC2941CDCB Datasheet HTML 7Page - Linear Technology LTC2941CDCB Datasheet HTML 8Page - Linear Technology LTC2941CDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2941
1
2941f
TYPICAL APPLICATION
DESCRIPTION
Battery Gas Gauge
with I2C Interface
The LTC
®2941 measures battery charge state in battery-
supplied handheld PC and portable product applications.
Its operating range is perfectly suited for single cell Li-Ion
batteries. A precision coulomb counter integrates current
through a sense resistor between the battery’s positive
terminal and the load or charger. The measured charge
is stored in internal registers. An SMBus/I2C interface
accesses and configures the device.
The LTC2941 features programmable high and low thresh-
olds for accumulated charge. If a threshold is exceeded,
the device communicates an alert using either the SMBus
alert protocol or by setting a flag in the internal status
register.
The LTC2941 requires only a single low value external
sense resistor to set the current range.
FEATURES
APPLICATIONS
n Indicates Accumulated Battery Charge and
Discharge
n High Accuracy Analog Integration
n High Side Sense
n 1% Charge Accuracy
n ±50mV Sense Voltage Range
n SMBus/I2C Interface
n Configurable Alert Output/Charge Complete Input
n 2.7V to 5.5V Operating Range
n Quiescent Current Less than 100μA
n Small 6-Pin 2mm × 3mm DFN package
n Low Power Handheld Products
n Cellular Phones
n MP3 Player
n Cameras
n GPS
Total Charge Error vs
Differential Sense Voltage
+
SENSE+
I2C/SMBus
TO HOST
SENSE–
CHARGER
LTC2941
AL/CC
SDA
LOAD
0.1μF
2941 TA01a
1-CELL
Li-Ion
RSENSE
100mΩ
SCL
GND
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
VSENSE (mV)
0.1
–1.0
0
–0.5
–1.5
0.5
1.0
1
10
100
2941 TA01b
–2.0
VSENSE+ = 3.6V
2.0
1.5


Similar Part No. - LTC2941CDCB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Analog Devices
LTC2941 AD-LTC2941 Datasheet
714Kb / 18P
Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC2941-1 LINER-LTC2941-1 Datasheet
216Kb / 16P
1A I2C Battery Gas Gauge with Internal Sense Resistor
LTC2941-1 LINER-LTC2941-1_15 Datasheet
216Kb / 16P
1A I2C Battery Gas Gauge with Internal Sense Resistor
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
More results

Similar Description - LTC2941CDCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
Gas Gauge IC with SMBus Interface
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
Gas Gauge IC With SMBus Interface
logo
Linear Technology
LTC2942 LINER-LTC2942 Datasheet
180Kb / 16P
Battery Gas Gauge with Temperature, Voltage Measurement
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
Battery Gas Gauge with Temperature, Voltage Measurement
LTC2941-1 LINER-LTC2941-1_15 Datasheet
216Kb / 16P
1A I2C Battery Gas Gauge with Internal Sense Resistor
logo
Texas Instruments
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
Gas Gauge IC With SMBus Interface
logo
Linear Technology
LTC2941-1 LINER-LTC2941-1 Datasheet
216Kb / 16P
1A I2C Battery Gas Gauge with Internal Sense Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com