Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323ECVRADDCA Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8323ECVRADDCA
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323ECVRADDCA Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8323ECVRADDCA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
45
HDLC, BISYNC, Transparent, and Synchronous UART
19 HDLC, BISYNC, Transparent, and Synchronous
UART
This section describes the DC and AC electrical specifications for the high level data link control (HDLC),
BISYNC, transparent, and synchronous UART of the MPC8323E.
19.1
HDLC, BISYNC, Transparent, and Synchronous UART DC
Electrical Characteristics
Table 50 provides the DC electrical characteristics for the MPC8323E HDLC, BISYNC, transparent, and
synchronous UART protocols.
19.2
HDLC, BISYNC, Transparent, and Synchronous UART AC Timing
Specifications
Table 51 provides the input and output AC timing specifications for HDLC, BISYNC, and transparent
UART protocols.
Table 50. HDLC, BISYNC, Transparent, and Synchronous UART DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –2.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.5
V
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
±5
μA
Table 51. HDLC, BISYNC, and Transparent UART AC Timing Specifications1
Characteristic
Symbol2
Min
Max
Unit
Outputs—Internal clock delay
tHIKHOV
05.5
ns
Outputs—External clock delay
tHEKHOV
110
ns
Outputs—Internal clock high impedance
tHIKHOX
05.5
ns
Outputs—External clock high impedance
tHEKHOX
18
ns
Inputs—Internal clock input setup time
tHIIVKH
6—
ns
Inputs—External clock input setup time
tHEIVKH
4—
ns
Inputs—Internal clock input hold time
tHIIXKH
0—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com