Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323ECVRADDCA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8323ECVRADDCA
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323ECVRADDCA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8323ECVRADDCA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
7
Electrical Characteristics
2.1.2
Power Supply Voltage Specification
Table 2 provides the recommended operating conditions for the MPC8323E. Note that these values are the
recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8323E
Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.0 V ± 50 mV
V
1
PLL supply voltage
AVDD
1.0 V ± 50 mV
V
1
DDR1 and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V1
PCI, local bus, DUART, system control and power management,
I2C, SPI, and JTAG I/O voltage
OVDD
3.3 V ± 300 mV
V
1
Junction temperature
TA/TJ
0 to 105
°C2
Note:
1. GVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative
direction.
2. Minimum temperature is specified with TA; maximum temperature is specified with TJ.
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/OVDD + 20%
G/OVDD
G/OVDD + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com