Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6200CS8
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6200CS8 Datasheet HTML 8Page - Linear Technology LT6200CS8 Datasheet HTML 9Page - Linear Technology LT6200CS8 Datasheet HTML 10Page - Linear Technology LT6200CS8 Datasheet HTML 11Page - Linear Technology LT6200CS8 Datasheet HTML 12Page - Linear Technology LT6200CS8 Datasheet HTML 13Page - Linear Technology LT6200CS8 Datasheet HTML 14Page - Linear Technology LT6200CS8 Datasheet HTML 15Page - Linear Technology LT6200CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
12
62001fd
TYPICAL PERFORMANCE CHARACTERISTICS
Warm-Up Drift
vs Time (LT6200S8)
Total Noise vs Source Resistance
Input Noise Voltage vs Frequency
TIME AFTER POWER-UP (SEC)
0
0
50
100
150
200
40
80
120
160
6200 G16
250
300
20
60
100
140
TA = 25°C
VS = ±5V
VS = ±1.5V
VS = ±2.5V
SOURCE RESISTANCE (Ω)
1
10
10
1k
10k
100k
6200 G17
0.1
100
100
LT6200
TOTAL NOISE
RESISTOR
NOISE
LT6200 AMPLIFIER
NOISE VOLTAGE
VS = ±5V
VCM = 0V
f = 100kHz
UNBALANCED
SOURCE
RESISTORS
FREQUENCY (Hz)
10
25
30
35
100k
6200 G18
20
15
0
100
1k
10k
10
5
45
40
VS = 5V, 0V
TA = 25°C
PNP ACTIVE
VCM = 0.5V
NPN ACTIVE
VCM = 4.5V
BOTH ACTIVE
VCM = 2.5V
Balanced Noise Current
vs Frequency
0.1Hz to 10Hz Output
Noise Voltage
FREQUENCY (Hz)
5
10
15
20
25
10
1k
10k
100k
6200 G19
0
100
VS = 5V, 0V
TA = 25°C
BALANCED
SOURCE
RESISTANCE
PNP ACTIVE
VCM = 0.5V
NPN ACTIVE
VCM = 4.5V
BOTH ACTIVE
VCM = 2.5V
Unbalanced Noise Current
vs Frequency
FREQUENCY (Hz)
10
20
30
35
10
1k
10k
100k
6200 G20
0
100
25
15
5
VS = 5V, 0V
TA = 25°C
UNBALANCED
SOURCE
RESISTANCE
PNP ACTIVE
VCM = 0.5V
BOTH ACTIVE
VCM = 2.5V
NPN ACTIVE
VCM = 4.5V
TIME (5SEC/DIV)
6200 G21
VS = 5V, 0V
VCM = VS/2
800
600
400
200
0
–200
–400
–600
–800
Supply Current
vs SHDN Pin Voltage
SHDN PIN VOLTAGE (V)
0
0
4
8
12
16
1234
6200 G21a
5
20
2
6
10
14
18
22
TA = –55°C
TA = 25°C
TA = 125°C
VS = 5V, 0V
SHDN Pin Current
vs SHDN Pin Voltage
SHDN PIN VOLTAGE (V)
0
–50
0
50
4
6200 G21b
–100
–150
123
5
–200
–250
–300
TA = 25°C
TA = 125°C
VS = 5V, 0V
TA = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com