Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200CS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6200CS8
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200CS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6200CS8 Datasheet HTML 14Page - Linear Technology LT6200CS8 Datasheet HTML 15Page - Linear Technology LT6200CS8 Datasheet HTML 16Page - Linear Technology LT6200CS8 Datasheet HTML 17Page - Linear Technology LT6200CS8 Datasheet HTML 18Page - Linear Technology LT6200CS8 Datasheet HTML 19Page - Linear Technology LT6200CS8 Datasheet HTML 20Page - Linear Technology LT6200CS8 Datasheet HTML 21Page - Linear Technology LT6200CS8 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
18
62001fd
TYPICAL PERFORMANCE CHARACTERISTICS LT6200-10
Gain Bandwidth and Phase Margin
vs Temperature
Slew Rate vs Temperature
Overshoot vs Capacitive Load
Power Supply Rejection Ratio
vs Frequency
Output Impedance vs Frequency
Open-Loop Gain vs Frequency
Gain Bandwidth vs Resistor Load
TEMPERATURE (°C)
–50
1000
1200
1600
1800
2000
50
6200 G62
1400
0
–25
75
100
25
125
50
60
70
80
VS = ±5V
VS = ±5V
PHASE MARGIN
GAIN BANDWIDTH
VS = 3V, 0V
VS = 3V, 0V
TEMPERATURE (°C)
–50
350
650
700
750
0
50
75
6200 G63
250
550
450
300
600
150
200
500
400
–25
25
100
125
AV = –10
RF = RL = 1k
RG = 100Ω
VS = ±5V RISING
VS = ±2.5V RISING
VS = ±2.5V FALLING
VS = ±5V FALLING
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
60
100
1000
6200 G64
50
VS = 5V, 0V
AV = 10
RS = 0Ω
RS = 10Ω
RS = 20Ω
RS = 50Ω
FREQUENCY (Hz)
20
30
50
70
80
1k
100k
1M
100M
6200 G65
10
10k
10M
60
40
0
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
VS = 5V, 0V
TA = 25°C
VCM = VS/2
FREQUENCY (Hz)
0.01
0.1
10
1
100k
1M
10M
6200 G66
100
1000
100M
VS = 5V, 0V
AV = 100
AV = 10
FREQUENCY (Hz)
30
90
100
20
10
80
50
70
60
40
100k
10M
100M
1G
6200 G67
–10
0
100
120
80
20
60
40
0
1M
VS = ±5V
VS = ±5V
GAIN
PHASE
VCM = 0V
CL = 5pF
RL = 1k
VS = ±1.5V
VS = ±1.5V
FREQUENCY (Hz)
30
90
100
20
10
80
50
70
60
40
100k
10M
100M
1G
6200 G68
–10
0
–20
100
120
–40
–60
80
20
60
40
0
–100
–80
1M
VCM = 0.5V
VCM = 0.5V
GAIN
PHASE
VS = 5V, 0V
CL = 5pF
RL = 1k
VCM = 4.5V
VCM = 4.5V
TOTAL SUPPLY VOLTAGE (V)
0
1600
1800
6
10
6200 G69
1400
1200
1000
24
8
50
60
70
80
90
12
TA = 25°C
RL = 1k
CL = 5pF
PHASE MARGIN
GAIN BANDWIDTH
RESISTOR LOAD (Ω)
0
0
200
600
800
1000
600 700 800 900
1800
G200 G70
400
100 200 300 400 500
1000
1200
1400
1600
VS = ±5V
RF = 10k
RG = 1k
TA = 25°C
Open-Loop Gain vs Frequency
Gain Bandwidth and Phase Margin
vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com