Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT6200CS8
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT6200CS8 Datasheet HTML 11Page - Linear Technology LT6200CS8 Datasheet HTML 12Page - Linear Technology LT6200CS8 Datasheet HTML 13Page - Linear Technology LT6200CS8 Datasheet HTML 14Page - Linear Technology LT6200CS8 Datasheet HTML 15Page - Linear Technology LT6200CS8 Datasheet HTML 16Page - Linear Technology LT6200CS8 Datasheet HTML 17Page - Linear Technology LT6200CS8 Datasheet HTML 18Page - Linear Technology LT6200CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
TYPICAL PERFORMANCE CHARACTERISTICS LT6200, LT6201
FREQUENCY (Hz)
–110
–80
–90
–100
–40
–50
–60
–70
6200 G38
100k
10M
1M
HD2, RL = 100Ω
HD3, RL = 1k
AV = 2
VO = 2VP-P
VS = ±5V
HD2, RL = 1k
HD3, RL = 100Ω
5V Large-Signal Response
5V Small-Signal Response
±5V Large-Signal Response
Output Overdrive Recovery
Channel Separation vs Frequency
FREQUENCY (MHz)
0.1
–80
–60
–40
110
100
6200 G38a
–100
–120
0
–20
–90
–70
–50
–110
–10
–30
TA = 25°C
AV = 1
VS = ±5V
Distortion vs Frequency, AV = 2
200ns/DIV
VS = 5V, 0V
AV = 1
RL = 1k
5V
0V
1V/DIV
6200 G39
200ns/DIV
VS = ±5V
AV = 1
RL = 1k
0V
2V/DIV
6200 G40
200ns/DIV
VS = 5V, 0V
AV = 2
0V
VIN
1V/DIV
0V
Vout
2V/DIV
6200 G41
200ns/DIV
VS = 5V, 0V
AV = 1
RL = 1k
50mV/DIV
6200 G42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com