Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APAX-5002 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # APAX-5002
Description  24-ch Digital Output Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

APAX-5002 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  APAX-5002 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC-based Controllers & I/O Modules
Specifications
General
Dimensions
30 x 139 x 100 mm
(W x H x D)
Weight
195 g
Power Consumption 2 W @ 24 VDC (typical)
Status Display
LED per channel
On: Logic level 1
Off: Logic level 0
Relay Output
Channels
12
Relay Type
Form A (SPST)
Switching Capacity and Lifetime of the
Contact (For Resistive Load)
VDE:
30,000 operations (5 A @ 250 VAC,
10 operations/minute at 8° C)
70,000 operations (5 A @ 30 VDC,
10 operations/ minute at 85° C)
UL:
60,000 operations (5 A @ 250 VAC)
100,000 operations (5 A @ 30 VDC)
Mechanism: 20,000,000 operations
(no load, 300 operations/min)
Breakdown Voltage 500 VAC (50/60 Hz)
Contact Resistance 30 m
W (maximum)
Insulation Resistance1 G
W (minimum) at
500 VDC
Protection
Isolation Between
2,500 VDC
Channels and Backplane
Environment
Operating
0 ~ 60° C
Temperature
Storage Temperature -25 ~ 75° C
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
APAX-5060
12-ch Relay Output Module
APAX-5001
1-slot Backplane Module
APAX-5002
2-slot Backplane Module
APAX-5343E
Power Supply for APAX
Expansion Module
APAX-5060
APAX-5046
Specifications
General
Dimensions
30 x 139 x 100 mm
(W x H x D)
Weight
165 g
Power Consumption 2.5 W @ 24 VDC (typical)
Status Display
LED per channel
On: Logic level 1
Off: Logic level 0
Digital Output
Channels
24 (Sink Type)
Output Voltage
8 ~ 35 VDC
Range
Normal Output
0.5 A (per channel)
Current
Protection
Isolation Between
2,500 VDC
Channels and Backplane
Short Circuit Protection
Thermal Shutdown Protection
Environment
Operating
0 ~ 60° C
Temperature
Storage Temperature -25 ~ 75° C
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
APAX-5046
24-ch Digital Output
Module
APAX-5001
1-slot Backplane Module
APAX-5002
2-slot Backplane Module
APAX-5343E
Power Supply for APAX
Expansion Module
APAX-5046
APAX-5060
APAX-5080
24-ch Digital Output Module
12-ch Relay Output Module
4-ch High Speed Counter Module
NEW
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Specifications
General
Dimensions
30 x 139 x 100 mm
(W x H x D)
Weight
170 g
Power Consumption
2.5 W @ 24 VDC (typical)
Status Display
LED per channel
(for DI, DO channel)
On: Logic level 1
Off: Logic level 0
Counter/Frequency Input
Channels
8 (Up Pulse, Freauency)
4 (Pulse and Direction,
Up/Down Pulse, A/B Phase)
Counting Range
32-bit + 1-bit overflow
Minimum Pulse Width 1 μs
Counter Frequency
1 MHz (max)
Input Voltage
For "0" signal: 0 ~ 3 VDC
For "1" signal: 10 ~ 30 VDC
Digital Input
Channels
4
Type
Sink (Wet contact)
Input Voltage
For "0" signal: 0 ~ 3 VDC
For "1" signal: 10 ~ 30 VDC
Digital Output
Channels
4 (Sink Type)
Output Voltage Range 8 ~ 35 VDC
Normal Output Current 0.5 A (per channel)
Protection
Isolation Between
2,500 VDC
Channels and Backplane
Short Circuit Protection (For DO channel)
Thermal Shutdown Protection (For DO channel)
Environment
Operating Temperature0 ~ 60° C
Storage Temperature -25 ~ 75° C
Relative Humidity
5 ~ 95% (non condensing)
Ordering Information
APAX-5080
4-ch High Speed Counter
Module
APAX-5001
1-slot Backplane Module
APAX-5002
2-slot Backplane Module
APAX-5343E
Power Supply for APAX
Expansion Module
APAX-5080
RoHS
COMPLIANT
2002/95/EC
NEW
NEW


Similar Part No. - APAX-5002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5002 ADVANTECH-APAX-5002 Datasheet
338Kb / 1P
8-ch RTD Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
301Kb / 1P
12-ch High Speed Analog Input Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
301Kb / 1P
24-ch Digital Input Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
614Kb / 1P
Power Supply for APAX-5570 Series
APAX-5002 ADVANTECH-APAX-5002 Datasheet
188Kb / 1P
PC-based Controller with XScale CPU
More results

Similar Description - APAX-5002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5056 ADVANTECH-ADAM-5056 Datasheet
629Kb / 1P
16-ch Digital Output Module
APAX-5040 ADVANTECH-APAX-5040 Datasheet
301Kb / 1P
24-ch Digital Input Module
ADAM-6151 ADVANTECH-ADAM-6151 Datasheet
365Kb / 1P
16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6156 ADVANTECH-ADAM-6156 Datasheet
365Kb / 1P
16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
APAX-5040 ADVANTECH-APAX-5040_V01 Datasheet
277Kb / 1P
24-ch Digital Input Module
27-Jun-2018
AMAX-5052 ADVANTECH-AMAX-5052 Datasheet
481Kb / 1P
16-ch Digital Input Module
3-Mar-2020
APAX-5046 ADVANTECH-APAX-5046_V01 Datasheet
317Kb / 1P
24-ch Digital Output Module
27-Jun-2018
logo
Siemens Semiconductor G...
6ES7132-6BF01-0AA0 SIEMENS-6ES7132-6BF01-0AA0 Datasheet
191Kb / 3P
Digital Output Module, 8 Outputs, 24 VDC
3/29/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com