Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3101DB Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAW3101DB Datasheet HTML 1Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
3.2 Register Descriptions
0x00
Operation_Mode1
Bit
7
6
5
4
3
2
1
0
Field
Reset
PD_enh
0
0
0
0
0
Slp_enl
Usage
Register 0x00 allows the user to change the operation of the mouse sensor. Shown below are the bits,
their default values, and optional values.
If Slp_enl = 0, after 1 sec not moving during normal mode, the mouse sensor will enter sleep mode,
and keep on sleep mode until moving is detected or wakeup is asserted.
Field Name
Description
Reset
Full chip reset
0 = Normal operation mode (Default)
1 = Full chip reset
PD_enh
Power down mode
0 = Normal operation mode (Default)
1 = Power down mode
Bit [5:1]
MUST always be 00000
Notes
Slp_enl
Sleep mode enable/disable
0 = Enable (Default)
1 = Disable
0x01
Product_ID1
Bit
7
6
5
4
3
2
1
0
Field
PID1[2:0]
Reserved[3:0]
Opstate
Usage
Product ID of the mouse sensor and operation state of the mouse sensor.
Field Name
Description
PID1[2:0]
The product ID is 000
Reserved[3:0]
Reserved for future use
Notes
Opstate
Operation state
0 = Sleep state
1 = Normal state
0x02
Delta_Y
Bit
7
6
5
4
3
2
1
0
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Usage
Y movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128 ~ +127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com