Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3101DB Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 14Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 15Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 16Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 17Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 18Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 19Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 20Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 21Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 22Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
22
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
8.2 Recommended PCB Mechanical Cutouts and Spacing
26.010
1.024
7.544
0.297
1.194
0.047
16.95
0.667
6.172
0.243
2.997
0.118
3.251
0.128
All Dimensions : mm / inch
0 ref.
1.194
0.047
7.544
0.297
4.242
0.167
6.172
0.243
4.242
0.167
0 ref.
27.153
1.069
11.05
0.435
Optical Center
0.711
0.028
0.711
0.028
1
2
3
4
8
7
6
5
Figure 15. Recommended PCB Mechanical Cutouts and Spacing
9. Update History
Version
Update
Date
V2.0
Creation, Preliminary 1st version
08/11/2006
V2.1
Re-typesetting
09/08/2006
V2.2
Revise words
12/04/2006
V3.0
Add an application for 3.3V operation voltage.
05/09/2008
V3.1
Content revise
05/26/2008
Note: The Part No. of the Mouse Product with Prefix "PAN" shall NOT be made, sold, offered to sell, imported
or used in or into USA, Canada, Japan and EU. For "PAN", PixArt has only gained territory-limited patent
license from Avago. Avago reserve right to take legal action against our customers who fails to comply the
above term. PLEASE NOTE THAT PixArt will NOT defend, indemnify, or provide any assistance to our
customers who fail to comply the term. IF YOU DO NOT AGREE THE TERM, PIXART WILL NOT
DELIVER "PAN" PRODUCTS TO YOU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com