Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3101DB Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAW3101DB Datasheet HTML 1Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PAW3101DB
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
PAW3101DB CMOS OPTICAL MOUSE SENSOR
General Description
The PAW3101DB is a CMOS process optical mouse sensor with DSP integration chip that serves as a non-
mechanical motion estimation engine for implementing a computer mouse.
Key Specification
Power Supply
Wide operating supply range
3.0V ~ 3.6V (VDD, VREF)
4.25V ~ 5.5V (VDD)
Optical Lens
1:1
System Clock
18.432 MHz
Speed
21 inches/sec
Resolution
400/800 CPI
Frame Rate
3000 frames/sec
Operating
Current
10mA @Mouse moving (Normal)
5mA @Mouse not moving (Sleep)
100uA @Power down mode
Package
Staggered DIP8
Features
Single 5.0/3.3 volt power supply
Precise optical motion estimation technology
Complete 2-D motion sensor
No mechanical parts
Accurate motion estimation over a wide range of
surfaces
High speed motion detection up to 21 inches/sec
High resolution up to 800 CPI
Register setting for low power dissipation
Power saving mode during times of no movement
Serial Interface for programming and data
transfer
I/O pin 5.0 volt tolerance
Ordering Information
Order Number
I/O
Resolution
PAW3101DB
CMOS output
800 CPI


Similar Part No. - PAW3101DB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3102DB PIXART-PAW3102DB Datasheet
436Kb / 22P
HIGH RESOLUTION CMOS OPTICAL MOUSE SENSOR
More results

Similar Description - PAW3101DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
LOW COST CMOS OPTICAL MOUSE SENSOR
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
LOW POWER CMOS OPTICAL MOUSE SENSOR
PAW3102DB PIXART-PAW3102DB Datasheet
436Kb / 22P
HIGH RESOLUTION CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com