Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F20 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
89
February 1, 2010
· TM0AH Register
Bit
76543210
Name
¾¾¾¾¾¾
D9
D8
R/W
¾¾¾¾¾¾
R/W
R/W
POR
¾¾¾¾¾¾
00
Bit 7~2
Unimplemented, read as
²0²
Bit 1~0
TM0AH: TM0 CCRA High Byte Register bit 1 ~ bit 0
TM0 10-bit CCRA bit 9 ~ bit 8
· TM0C0 Register
Bit
76543210
Name
T0PAU
T0CK2
T0CK1
T0CK0
T0ON
T0RP2
T0RP1
T0RP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
T0PAU: TM0 Counter Pause Control
0: run
1: pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores normal
counter operation. When in a Pause condition the TM will remain powered up and continue to
consume power. The counter will retain its residual value when this bit changes from low to high
and resume counting from this value when the bit changes to a low value again.
Bit 6~4
T0CK2~T0CK0: Select TM0 Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Reserved
110: TCK0 rising edge clock
111: TCK0 falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved clock
input will effectively disable the internal counter. The external pin clock source can be chosen to
be active on the rising or falling edge. The clock source fSYS is the system clock, while fH and
fTBC are other internal clocks, the details of which can be found in the oscillator section.
Bit 3
T0ON: TM0 Counter On/Off Control
0: Off
1: On
This bit controls the overall on/off function of the TM. Setting the bit high enables the counter to
run, clearing the bit disables the TM. Clearing this bit to zero will stop the counter from counting
and turn off the TM which will reduce its power consumption. When the bit changes state from
low to high the internal counter value will be reset to zero, however when the bit changes from
high to low, the internal counter will retain its residual value.
If the TM is in the Compare Match Output Mode then the TM output pin will be reset to its initial
condition, as specified by the T0OC bit, when the T0ON bit changes from low to high.
Bit 2~0
T0RP2~T0RP0: TM0 CCRP 3-bit register, compared with the TM0 Counter bit 9~bit 7
Comparator P Match Period
000: 1024 TM0 clocks
001: 128 TM0 clocks
010: 256 TM0 clocks
011: 384 TM0 clocks
100: 512 TM0 clocks
101: 640 TM0 clocks
110: 768 TM0 clocks
111: 896 TM0 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com