Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F20 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
97
February 1, 2010
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM1C0
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
T1RP2
T1RP1
T1RP0
TM1C1
T1M1
T1M0
T1IO1
T1IO0
T1OC
T1POL
T1DPX
T1CCLR
TM1DL
D7
D6
D5
D4
D3
D2
D1
D0
TM1DH
¾¾¾¾¾¾
D9
D8
TM1AL
D7
D6
D5
D4
D3
D2
D1
D0
TM1AH
¾¾¾¾¾¾
D9
D8
10-bit Standard TM Register List (for HT66F20)
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM2C0
T2PAU
T2CK2
T2CK1
T2CK0
T2ON
¾¾¾
TM2C1
T2M1
T2M0
T2IO1
T2IO0
T2OC
T2POL
T2DPX
T2CCLR
TM2DL
D7
D6
D5
D4
D3
D2
D1
D0
TM2DH
D15
D14
D13
D12
D11
D10
D9
D8
TM2AL
D7
D6
D5
D4
D3
D2
D1
D0
TM2AH
D15
D14
D13
D12
D11
D10
D9
D8
TM2RP
D7
D6
D5
D4
D3
D2
D1
D0
16-bit Standard TM Register List (for HT66F40/HT66F50/HT66F60)
· 10-bit Standard TM Register List - HT66F20
¨ TM1C0 Register - 10-bit STM
Bit
76543210
Name
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
T1RP2
T1RP1
T1RP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
T1PAU: TM1 Counter Pause Control
0: run
1: pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores normal
counter operation. When in a Pause condition the TM will remain powered up and continue to
consume power. The counter will retain its residual value when this bit changes from low to high
and resume counting from this value when the bit changes to a low value again.
Bit 6~4
T1CK2~T1CK0: Select TM1 Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Reserved
110: TCK1 rising edge clock
111: TCK1 falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved clock
input will effectively disable the internal counter. The external pin clock source can be chosen to
be active on the rising or falling edge. The clock source fSYS is the system clock, while fH and
fTBC are other internal clocks, the details of which can be found in the oscillator section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com