| Electronic Components Datasheet Search |
|
HT66F20 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F20 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc |
|
43 / 246 page ![]() HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Rev. 1.10 43 February 1, 2010 Entering the SLEEP1 Mode There is only one way for the device to enter the SLEEP1 Mode and that is to execute the ²HALT² instruction in the application program with the IDLEN bit in SMOD register equal to ²0² and the WDT or LVD on. When this instruction is executed under the conditions described above, the following will occur: · The system clock and Time Base clock will be stopped and the application program will stop at the ²HALT² instruction, but the WDT or LVD will remain with the clock source coming from the fSUB clock. · The Data Memory contents and registers will maintain their present condition. · The WDT will be cleared and resume counting if the WDT clock source is selected to come from the fSUB clock as the WDT is enabled. · The I/O ports will maintain their present conditions. · In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO, will be cleared. Entering the IDLE0 Mode There is only one way for the device to enter the IDLE0 Mode and that is to execute the ²HALT² instruction in the application program with the IDLEN bit in SMOD register equal to ²1² and the FSYSON bit in WDTC register equal to ²0². When this instruction is executed under the condi- tions described above, the following will occur: · The system clock will be stopped and the application program will stop at the ²HALT² instruction, but the Time Base clock and fSUB clock will be on. · The Data Memory contents and registers will maintain their present condition. · The WDT will be cleared and resume counting if the WDT clock source is selected to come from the fSUB clock and the WDT is enabled. The WDT will stop if its clock source originates from the system clock. · The I/O ports will maintain their present conditions. · In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO, will be cleared. Entering the IDLE1 Mode There is only one way for the device to enter the IDLE1 Mode and that is to execute the ²HALT² instruction in the application program with the IDLEN bit in SMOD register equal to ²1² and the FSYSON bit in WDTC register equal to ²1². When this instruction is executed under the with conditions described above, the following will occur: · The system clock and Time Base clock and f SUB clock will be on and the application program will stop at the ²HALT² instruction. · The Data Memory contents and registers will maintain their present condition. · The WDT will be cleared and resume counting if the WDT is enabled regardless of the WDT clock source which originates from the fSUB clock or from the system clock. · The I/O ports will maintain their present conditions. · In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO, will be cleared. Standby Current Considerations As the main reason for entering the SLEEP or IDLE Mode is to keep the current consumption of the device to as low a value as possible, perhaps only in the order of several micro-amps except in the IDLE1 Mode, there are other considerations which must also be taken into account by the circuit designer if the power consumption is to be minimised. Special attention must be made to the I/O pins on the device. All high-impedance input pins must be connected to either a fixed high or low level as any floating input pins could create internal oscillations and result in increased current consumption. This also applies to devices which have different package types, as there may be unbonbed pins. These must either be setup as outputs or if setup as inputs must have pull-high resistors connected. Care must also be taken with the loads, which are con- nected to I/O pins, which are setup as outputs. These should be placed in a condition in which minimum cur- rent is drawn or connected only to external circuits that do not draw current, such as other CMOS inputs. Also note that additional standby current will also be required if the configuration options have enabled the LXT or LIRC oscillator. In the IDLE1 Mode the system oscillator is on, if the sys- tem oscillator is from the high speed system oscillator, the additional standby current will also be perhaps in the order of several hundred micro-amps |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |