Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM48 Datasheet(PDF) 1 Page - Vicor Corporation

Part # IAM48
Description  Input Power Conditioning Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IAM48 Datasheet(HTML) 1 Page - Vicor Corporation

  IAM48 Datasheet HTML 1Page - Vicor Corporation IAM48 Datasheet HTML 2Page - Vicor Corporation IAM48 Datasheet HTML 3Page - Vicor Corporation IAM48 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Min
Typ
Max
Remarks
Input voltage
36Vdc
48Vdc
76Vdc
Continuous
Inrush limiting
14mA/µF
6A with 330µF capacitor (See Fig 1)
Safety approvals
UL 1950, CSA 22.2-950, EN 60950
Transient immunity
Telcordia-GR-499-CORE Section 132
200V
1µsec duration
ETS 300 386-1 Class 2
200V
5.0µsec rise time, 50µsec duration surge
250V
1-100 nsec burst
When used with Vicor
FM-48 filter module
Dielectric withstand
1,500Vrms
Input /Output to base
Output current
Delivered current to any
IAM4810C12
10A
combination of Vicor’s 2nd Generation
IAM4820C12
20A
48Vin DC-DC converters
Efficiency
97%
Internal voltage drop is 1.1V max.
@ 20A, 100°C baseplate
ON/OFF control
ENABLE(ON)
0.0Vdc
1.0Vdc
Referenced to –Vout.
DISABLE(OFF)
3.5Vdc
5.0Vdc
100K
Ω internal pull-up resistor
Reverse polarity protection
No damage to module, external
fuse required
External capacitance
See Fig 3
IAM4810C12
10µF
150µF
100V
IAM4820C12
100µF
330µF
100V
Weight
1.7 ounces (50 grams)
Warranty
2 years
Features
• Wide input voltage range
• High surge withstand
• 97% Efficiency
• Input reverse polarity protection
• On/Off control feature
• MicroMod Package
Primary Function
• Inrush current limiting
• Input transient protection
Products Highlights
The 2nd Generation IAM48 is a
component level, DC input front-end
designed to occupy minimum board
space while providing maximum
transient protection for today’s
sophisticated electrical systems. The
IAM48, in combination with Vicor’s
48V input 2nd Generation DC-DC
converters, provides a highly efficient,
high density power system with
outputs from 1 to 100Vdc.
When the IAM48 is used with the
Vicor FM48-FiltMod, the
combination meets the conducted
EMI specifications of Telcordia,
FCC and European Norms.
Compatible Products
• FM48-FiltMod
• 2nd Generation 48V input
DC-DC converters
Part Numbers
45
Shown actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm
IAM48 Specifications
(typical at T
BP = 25°C, nominal line, unless otherwise specified)
Data Sheet
IAM48
TM
Input Power
Conditioning Module
Set your site on VICOR at www.vicorpower.com
Parameter
Rating
Unit
Notes
+In to –In
80
Vdc
Continuous
+In to –In
100
V
100ms
+Out to –Out
75
Vdc
Continuous
Mounting torque
5(0.57)
in-lbs
6 each, #4-40 or M3
Pin soldering temperature
500 (260)
°F(°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F(°C)
<7 sec; hand solder
Storage temperature C–,T– Grade
-40 to +125
°C
Operating temperature C– Grade
-20 to +100
°C
Baseplate
Operating temperature T– Grade
-40 to +100
°C
Baseplate
Absolute Maximum Rating
IAM 48 10 C 1 1
Output
Current
10=10Amp
20=20Amp
Pin Style
1= Short Pin
2= Long Pin
S= Short ModuMate
N= Long ModuMate
Baseplate
1=Slotted
2=Threaded
3=Thru-hole
Product Grade
C=-20° to 100°C
T=-40° to 100°C


Similar Part No. - IAM48

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IAM-01-200 MERRIMAC-IAM-01-200 Datasheet
100Kb / 1P
BROADBAND ACTIVE ISOLATORS
IAM-01-250 MERRIMAC-IAM-01-250 Datasheet
100Kb / 1P
BROADBAND ACTIVE ISOLATORS
IAM-01-75 MERRIMAC-IAM-01-75 Datasheet
100Kb / 1P
BROADBAND ACTIVE ISOLATORS
logo
TDK Electronics
IAM-20381HT TDK-IAM-20381HT Datasheet
1Mb / 46P
High Performance Automotive Grade-2 3-Axis Accelerometer
Revision: 1.0
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
High Performance Automotive 6-Axis MotionTracking Device
More results

Similar Description - IAM48

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120 Datasheet
85Kb / 7P
LINE CONDITIONING MODULE
logo
List of Unclassifed Man...
SA40011 ETC1-SA40011 Datasheet
394Kb / 2P
Dual Axis Signal Conditioning Module
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
Single-Channel Signal Conditioning Module
logo
Crane Aerospace & Elect...
LCM-120 CRANE-LCM-120 Datasheet
86Kb / 7P
LINE CONDITIONING MODULE 28 VOLT INPUT
logo
MORNSUN Science& Techno...
TS107HL-F-2.5 MORNSUN-TS107HL-F-2.5 Datasheet
902Kb / 5P
Signal conditioning module
logo
Analog Devices
5B32 AD-5B32_15 Datasheet
675Kb / 8P
Single-Channel Signal Conditioning Module
REV. 0
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
Signal conditioning module
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120_13 Datasheet
266Kb / 7P
LCM-120 Line Conditioning Module 28 Volt input ??120 watt
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
logo
Exar Corporation
TAN-017 EXAR-TAN-017 Datasheet
105Kb / 9P
Power Conditioning Requirements
May 23, 2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com