Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # LM358
Description  Dual Operation Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM358 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  LM358 Datasheet HTML 1Page - Wing Shing Computer Components LM358 Datasheet HTML 2Page - Wing Shing Computer Components LM358 Datasheet HTML 3Page - Wing Shing Computer Components LM358 Datasheet HTML 4Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
consists of two independent, high gain, in-
ternally frequency compensated operational amplifiers which
were designed specifically to operate from a single power
supply over a wide range of voltages. Operation from split
power supplies is also possible and the low power supply
current drain is independent of the magnitude of the power
supply voltage.
Application areas include transducer amplifiers, dc gain
blocks and all the conventional op amp circuits which now
can be more easily implemented in single power supply sys-
tems. For example, the
ated off of the standard +5V power supply voltage which is
used in digital systems and will easily provide the required
interface electronics without requiring the additional ±15V
power supplies.
Unique Characteristics
n
In the linear mode the input common-mode voltage
range includes ground and the output voltage can also
swing to ground, even though operated from only a
single power supply voltage.
n
The unity gain cross frequency is temperature
compensated.
n
The input bias current is also temperature compensated.
Advantages
n
Two internally compensated op amps
n
Eliminates need for dual supplies
n
Allows direct sensing near GND and V
OUT also goes to
GND
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
n
Pin-out same as LM1558/LM1458 dual op amp
Features
n
Internally frequency compensated for unity gain
n
Large dc voltage gain:
100 dB
n
Wide bandwidth (unity gain):
1 MHz
(temperature compensated)
n
Wide power supply range:
— Single supply:
3V to 32V
— or dual supplies:
±1.5V to ±16V
n
Very low supply current drain (500 µA) — essentially
independent of supply voltage
n
Low input offset voltage:
2 mV
n
Input common-mode voltage range includes ground
n
Differential input voltage range equal to the power
supply voltage
n
Large output voltage swing:
0V to V
+− 1.5V
Voltage Controlled Oscillator (VCO)
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
Dual Operation Amplifiers
4-1
can be directly
oper-
LM358
The LM358
LM358


Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358 PHILIPS-LM358 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
LM358 INTERSIL-LM358 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results

Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
Low Voltage Operation Ground sense Operational amplifiers
logo
ATMEL Corporation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
Dual voltage range operation
logo
Rohm
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com