Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # LM358
Description  Dual Operation Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM358 Datasheet(HTML) 3 Page - Wing Shing Computer Components

  LM358 Datasheet HTML 1Page - Wing Shing Computer Components LM358 Datasheet HTML 2Page - Wing Shing Computer Components LM358 Datasheet HTML 3Page - Wing Shing Computer Components LM358 Datasheet HTML 4Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM358
Pad Location
Chip Size: 1.65 x 0.9 mm
Pad N
Pad
Coordinates, mkm
Name
X
Y
1
#1 OUT
85
625
2
#1 IN-
182
88
3
#1 IN+
518
88
4
GND
845
88
5
#2 IN+
1045
88
6
#2 IN-
1381
88
7
#2 OUT
1478
625
8
VCC
909
720
Connection Diagrams
4-3
LM358N
DIP-8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com