Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # LM358
Description  Dual Operation Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM358 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  LM358 Datasheet HTML 1Page - Wing Shing Computer Components LM358 Datasheet HTML 2Page - Wing Shing Computer Components LM358 Datasheet HTML 3Page - Wing Shing Computer Components LM358 Datasheet HTML 4Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
electrical characteristics at specified free-air temperature, Vcc = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS*
LM358
UNIT
MIN
TYP MAX
VIO
Vcc = 5 V to MAX,
25 ° C
3
7
mV
Input offset voltage
VIC = VICR min,
Vo=1.4 V
Full range
9
αVIO
Average temperature coefficient
of input offset voltage
Full range
7
µV/°C
lIO
Vo=1.4 V
25 ° C
2
50
nA
Input offset current
Full range
150
αlIO
Average temperature coefficient
of input offset current
Full range
10
pA/°C
IIB
Vo=1.4 V
25 ° C
-20
-250 nA
Input bias current
Full range
-500
VICR
Vcc = 5 V to MAX
25° C
0 to Vcc-1.5
V
Common-mode input voltage
range
Full range
0 to Vcc - 2
VOH
RL
≥2 KΩ
25 ° C
Vcc-1.5
V
High-level output voltage
Vcc = MAX, RL=2 kΩ Full range
26
Vcc = MAX,
RL ≥ 10 kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≥ 10 kΩ
Full range
5
20
mV
AVD
Large-signal differential
Vcc = 15 V,
Vo=1V to 11 V,
25 ° C
25
100
V/mV
voltage amplification
RL ≥ 2 kΩ
Full range
15
CMRR
Common-mode rejection ratio
Vcc = 5 V to MAX,
VIC = VICR min
25 ° C
65
80
dB
kSVR Supply voltage rejection
ratio (
∆Vcc/∆VIO)
Vcc = 5 V to MAX
25 ° C
65
100
dB
Vo1 /Vo2
Crosstalk attenuation
f=1 kHz to 20 kHz
25 ° C
120
dB
lo
Vcc = 15 V,
25 ° C
-20
-30
mA
Output current
VID=1 V,VO= 0
Full range
-10
Vcc = 15 V,
25 ° C
10
20
VID = - 1 V, Vo = 15 V Full range
5
VID = - 1 V,
Vo =200 mV
25 ° C
12
30
µA
lOS
Short-circuit output current
Vcc at 5 V,
GND at -5 V,Vo=0
25 ° C
±40
±60
mA
ICC
Vo - 2.5 V, No load
Full range
0.7
1.2
mA
Supply current (two amplifiers)
Vcc = MAX,
Vo = 0.5Vcc, No load
Full range
1
2
* All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise
specified. «MAX» VCC for testing purposes is 30 V. Full range is 0 ° C to 70 ° C.
4-2
LM358



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com