Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 36Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 37Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 38Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 39Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 40Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 41Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 42Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 43Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 41 of 44
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 94. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP1870ARMZ-0.3-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
LDW
ADP1870ARMZ-0.6-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
LDX
ADP1870ARMZ-1.0-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
LDY
ADP1871ARMZ-0.3-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
LDG
ADP1871ARMZ-0.6-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
LDM
ADP1871ARMZ-1.0-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
LDN
ADP1870-0.3-EVALZ
Evaluation Board
ADP1870-0.6-EVALZ
Evaluation Board
ADP1870-1.0-EVALZ
Evaluation Board
ADP1871-0.3-EVALZ
Evaluation Board
ADP1871-0.6-EVALZ
Evaluation Board
ADP1871-1.0-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com