Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 16Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 17Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 18Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 19Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 20Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 21Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 22Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 23Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 20 of 44
VIN and VREG be tied together if the VIN pin is subjected to a
2.75 V rail.
Table 5. Power Input and LDO Output Configurations
VIN
VREG
Comments
>5.5 V
Float
Must use the LDO
<5.5 V
Connect to VIN
LDO drop voltage is not
realized (that is, if VIN =
2.75 V, then VREG = 2.75
V)
<5.5 V
Float
LDO drop is realized
Ranges above
and below 5.5
V
Float
LDO drop is realized,
minimum VIN recom-
mendation is 2.95 V
THERMAL SHUTDOWN
The thermal shutdown is a self-protection feature to prevent the
IC from damage due to a very high operating junction temperature.
If the junction temperature of the device exceeds 155°C, the part
enters the thermal shutdown state. In this state, the device shuts off
both the upper- and lower-side MOSFETs and disables the entire
controller immediately, thus reducing the power consumption of
the IC. The part resumes operation after the junction temperature
of the part cools to less than 140°C.
PROGRAMMING RESISTOR (RES) DETECT CIRCUIT
Upon startup, one of the first blocks to become active is the RES
detect circuit. This block powers up before soft start begins. It
forces a 0.4 V reference value at the DRVL output (see Figure 68)
and is programmed to identify four possible resistor values: 47 kΩ,
22 kΩ, open, and 100 kΩ.
The RES detect circuit digitizes the value of the resistor at the
DRVL pin (Pin 6). An internal ADC outputs a 2-bit digital code
that is used to program four separate gain configurations in the
current-sense amplifier (see Figure 69). Each configuration corre-
sponds to a current-sense gain (ACS) of 3 V/V, 6 V/V, 12 V/V,
24 V/V, respectively (see Table 6 and Table 7). This variable is used
for the valley current-limit setting, which sets up the appropriate
current-sense gain for a given application and sets the compensation
necessary to achieve loop stability (see the Valley Current-Limit
Setting and Compensation Network sections).
DRVH
DRVL
Q1
SW
Q2
RRES
ADP1870/
ADP1871
CS GAIN
PROGRAMMING
Figure 68. Programming Resistor Location
SW
PGND
CS GAIN SET
CS
AMP
ADC
DRVL
RES
0.4V
Figure 69. RES Detect Circuit for Current-Sense Gain Programming
Table 6. Current-Sense Gain Programming
Resistor
ACS
47 kΩ
3 V/V
22 kΩ
6 V/V
Open
12 V/V
100 kΩ
24 V/V
VALLEY CURRENT-LIMIT SETTING
The architecture of the ADP1870/ADP1871 is based on valley
current-mode control. The current limit is determined by three
components: the RON of the lower-side MOSFET, the error ampli-
fier output voltage swing (COMP), and the current-sense gain.
The COMP range is internally fixed at 1.4 V. The current-sense
gain is programmable via an external resistor at the DRVL pin (see
the Programming Resistor (RES) Detect Circuit section). The
RON of the lower-side MOSFET can vary over temperature and
usually has a positive TC (meaning that it increases with tempera-
ture); therefore, it is recommended to program the current-sense
gain resistor based on the rated RON of the MOSFET at 125°C.
Because the ADP1870/ADP1871 are based on valley current
control, the relationship between ICLIM and ILOAD is as follows:
⎛ −
×
=
2
1
I
LOAD
CLIM
K
I
I
where:
KI
is the ratio between the inductor ripple current and the
desired average load current (see Figure 70).
ICLIM
is the desired valley current limit.
ILOAD
is the current load.
Establishing KI helps to determine the inductor value (see the
Inductor Selection section), but in most cases KI = 0.33.
LOAD CURRENT
VALLEY CURRENT LIMIT
RIPPLE CURRENT =
ILOAD
3
Figure 70. Valley Current Limit to Average Current Relation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com