Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 3Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 4Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 5Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 6Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 7Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 9Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 10Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 7 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 0.8V
fSW = 300kHz
WÜRTH INDUCTOR:
744325072, L = 0.72µH, DCR = 1.3m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 4. Efficiency—300 kHz, VOUT = 0.8 V
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 1.8V
fSW = 300kHz
WÜRTH INDUCTOR:
744325120, L = 1.2µH, DCR = 1.8m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 5V (PSM)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 5. Efficiency—300 kHz, VOUT = 1.8 V
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 7V
fSW = 300kHz
WÜRTH INDUCTOR:
7443551200, L = 2.0µH, DCR = 2.6m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 6. Efficiency—300 kHz, VOUT = 7 V
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 0.8V
fSW = 600kHz
WÜRTH INDUCTOR:
744355147, L = 0.47µH, DCR = 0.67m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 13V (PSM)
VIN = 16.5V
(PSM)
VIN = 13V
VIN = 16.5V
Figure 7. Efficiency—600 kHz, VOUT = 0.8 V
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 1.8V
fSW = 600kHz
WÜRTH INDUCTOR:
744325072, L = 0.72µH, DCR = 1.3m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 8. Efficiency—600 kHz, VOUT = 1.8 V
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 5V
fSW = 600kHz
WÜRTH INDUCTOR:
744318180, L = 1.4µH, DCR = 3.2m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 20V (PSM)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 20V
VIN = 16.5V
Figure 9. Efficiency—600 kHz, VOUT = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com