Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9853AFV Datasheet(PDF) 11 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 11 Page - Rohm

Back Button BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm BD9853AFV Datasheet HTML 10Page - Rohm BD9853AFV Datasheet HTML 11Page - Rohm BD9853AFV Datasheet HTML 12Page - Rohm BD9853AFV Datasheet HTML 13Page - Rohm BD9853AFV Datasheet HTML 14Page - Rohm BD9853AFV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BD9853AFV
Technical Note
11/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Setting the Short Circuit Protection (SCP) delay time
When the soft start is complete for each channel, the output voltage stabilizes at the set value 1.35V(typ) for the
SCP/SOFT1, 2 pins.
When any type of short circuit occurs, the voltage at the point of the fault is reduced. In this case, when voltage at the INV
pin falls to 0.56V(typ) or below, the SCP comparator sensor detects the short and further charges the SCP/SOFT pins for
the shorted channel from the 1.35V(typ) level. When the SCP/SOFT pins are charged to 2.3V(typ), the Pch/Nch MOSFET
is switched OFF.
The elapsed time from the occurrence of the output short to the point the external FET switches OFF is calculated with the
following formula:
tscp : SCP delay time, Cscp/soft : SCP/SOFT pin connection capacitance,Isoscp : charge current
* If the current more than the capacity of power supply when the short between VOUT and GND occurs, input voltage starts to fall and under voltage lockout
(UVLO) is activated at Vin < 4.15 V (typ.). The UVLO has FET driver output (OUT1H, OUT2H, OUT1L, OUT2L) off and external FETs become off. When
external FETs are not operating, input voltage returns because of the short between VOUT and GND and the UVLO is canceled. But input voltage starts to
fall again because the UVLO is not activated.
There is possibility that a series of behavior “output short → input voltage fall → UVLO activated → external FETs off → input voltage returns → UVLO
canceled → output short”. So please make provision like inserting FUSE in input line.
Pin conditions with the only single channel use
Pin conditions are shown in the following, when the only single channel out of 2 channels is used.
Use only CH1
Use only CH2
・
SCP/SOFT2, INV2 ⇒ GND short
・
SCP/SOFT1, INV1 ⇒ GND short
・
FB2, OUT2H, OUT2L ⇒ OPEN
・
FB1, OUT1H, OUT1L ⇒ OPEN
●
Application example
tscp=
Isosofc (typ: 2.3μA)[A]
0.95[V](typ)×Cscp/soft[F]
VCC
RB081
L-20
(ROHM)
10μF
(ceramic)
22kΩ
100kΩ
39kΩ
10kΩ
120pF
RSS065
NO3
(ROHM)
RSS040P03
(ROHM)
4.7μF
1μF
8.2kΩ
10kΩ 680pF
0.015μF
0.015μF
47kΩ
100kΩ
15kΩ
68pF
VCC
VCC
4.7μF
RSS040P03
(ROHM)
RSS065
NO3
(ROHM)
220pF 3.3kΩ
REGB
OUT2H
OUT2L
STB
GND
FB2
INV2
SCP/SOFT2
16
15
14
13
12
11
10
9
VCC
OUT1H
OUT1L
REGA
RT
FB1
INV1
SCP/SOFT1
1
2
3
4
5
6
7
8
0.1μF
VOUT2
(2.5V)
10μF
(ceramic)
RB081
L-20
(ROHM)
1μF
VCC
4.7μH
C6-K3L
(MITSUMI)
4.7μH
C6-K3L
(MITSUMI)
VOUT1
(3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com