Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9853AFV Datasheet(PDF) 12 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 12 Page - Rohm

Back Button BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm BD9853AFV Datasheet HTML 10Page - Rohm BD9853AFV Datasheet HTML 11Page - Rohm BD9853AFV Datasheet HTML 12Page - Rohm BD9853AFV Datasheet HTML 13Page - Rohm BD9853AFV Datasheet HTML 14Page - Rohm BD9853AFV Datasheet HTML 15Page - Rohm BD9853AFV Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
BD9853AFV
Technical Note
12/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
INV1
INV2
VCC
VCC
REGB
OUT1H
OUT2H
VCC
REGA
OUT1L
OUT2L
●
I/O Equivalent Circuit
OUT1H(2),OUT2H(15)
OUT1L(3),OUT2L(14)
REGA(4)
Max ratings:7V(from VCC or REGB)
Max ratings:7V
Max ratings:7V
RT(5)
FB1(6),FB2(11)
INV1(7),INV2(10)
Max ratings:7V
Max ratings:7V
Max ratings:10V
SCP/SOFT1(8),SCP/SOFT2(9)
STB(13)
REGB(16)
Max ratings:7V
Max ratings:18V
Max ratings:7V(fromVCC)
STB
VCC
REGB
VCC
REGA
VCC
REGA
VREF
VCC
SCP/SOFT1
SCP/SOFT2
VCC
REGA
VCC
REGA
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com