Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9853AFV Datasheet(PDF) 2 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 2 Page - Rohm

  BD9853AFV Datasheet HTML 1Page - Rohm BD9853AFV Datasheet HTML 2Page - Rohm BD9853AFV Datasheet HTML 3Page - Rohm BD9853AFV Datasheet HTML 4Page - Rohm BD9853AFV Datasheet HTML 5Page - Rohm BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BD9853AFV
Technical Note
2/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics (Unless otherwise specified Ta=25℃,Vcc=12V,fosc=1000kHz,STB=3V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Whole Device】
Standby Current
Iccst
0
5
μASTB=0V
Circuit Current
Icc
3.2
5.2
mA
INV1,INV2=2.5V
Regulator for Driver REGA】
Output Voltage
Vrega
4.5
5.0
5.5
V
Output Current Capability
Irega
-100
mA
Vrega > 4.5V
Regulator for Driver REGB】
Output Voltage
Vregb
VCC-5.5
VCC-5.0
VCC-4.5
V
Output Current Capability
Iregb
100
mA
Vregb < Vcc-4.5V
Oscillator】
Oscillator Frequency
fosc
900
1000
1100
kHz
RRT=8.2kΩ
OUTH=2200pF,OUTL=1000pF
Oscillator Frequency Coefficient1
Dfosc1
-2
0
2
%
Vcc=4.5 to 5V
Oscillator Frequency Coefficient2
Dfosc2
-2
0
2
%
Vcc=5 to 18V
Error Amplifier】
Threshold Voltage
Vthea
0.79
0.80
0.81
V
Input Bias Current
Ibias
-230
-115
nA
Voltage Gain
Av
60
80
100
dB
DC GAIN
Max. Output Voltage
Vfbh
Vrega-0.85
V
Min. Output Voltage
Vfbl
0.85
V
Output Sink Current
Isink
2
11
-
mA
INV=2.5V, FB=2.5V
Output Source Current
Isource
-
-15
-2
mA
INV=0V, FB=2.5V
PWM Comparator】
0% Threshold Voltage
Vth0
1.4
1.5
1.6
V
FB Voltage
100% Threshold Voltage
Vth100
2.4
2.5
2.6
V
FB Voltage
*
This product is not designed for the protection against radioactive rays.
ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM ROHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com