Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2142ACUTR Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX2142ACUTR Datasheet HTML 6Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 7Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 9Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 10Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 11Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 12Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 13Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NX2142/2142A
10
Rev. 1.1
10/28/07
If ceramic capacitors are chosen as output ca-
pacitors, both terms in equation (3) need to be evalu-
ated to determine the overall ripple. Usually when this
type of capacitors are selected, the amount of capaci-
tance per single unit is not sufficient to meet the tran-
sient specification, which results in parallel configura-
tion of multiple capacitors.
For example, one 100uF, X5R ceramic capaci-
tor
with 2m
Ω ESR is used. The amount of output ripple
is
RIPPLE
0.919A
V
2m
0.919A
8 600kHz 100uF
1.838mV 1.9mV
3.738mV
∆
=
Ω×+
××
=
+=
One ceramic capacitors are needed. Although
this can meet DC ripple spec, however it needs to be
studied for transient requirement.
Based On Transient Requirement
Typically, the output voltage droop during tran-
sient is specified as
∆V
droop
∆V
tran
<
@step load
DI
STEP
During the transient, the voltage droop during
the transient is composed of two sections. One sec-
tion is dependent on the ESR of capacitor, the other
section is
a function of the inductor, output capacitance as well
as input, output voltage. For example, for the
overshoot when load from high load to light load
with a
DI
STEP transient load, if assuming the band-
width of system is high enough, the overshoot can
be estimated as the following equation.
2
OUT
overshoot
step
OUT
V
V
ESRI
2LC
∆
=
× ∆
+
×τ
××
...(6)
where
τ is the a function of capacitor,etc.
crit
step
OUT
crit
OUT
0
ifLL
LI
ESR C
ifLL
V
≤
 ×∆
τ= 
−
×≥
...(7)
where
OUT
OUT
EE
OUT
crit
step
step
ESR C
V
ESRCV
L
II
×
×
××
==
∆∆
...(8)
where ESR
E and CE represents ESR and capaci-
tance of each capacitor if multiple capacitors are used
in parallel.
The above equation shows that if the selected
output inductor is smaller than the critical inductance,
the voltage droop or overshoot is only dependent on
the ESR of output capacitor.
For low frequency ca-
pacitor such as electrolytic capacitor, the product of
ESR and capacitance is high and
crit
LL
≤
is true. In
that case, the transient spec is mostly like to depen-
dent on the ESR of capacitor.
Most case, the output capacitor is multiple ca-
pacitor in parallel. The number of capacitor can be cal-
culated by the following
E
step
2
OUT
tran
E
tran
ESRI
V
N
V
2L CV
×∆
=
+
×τ
∆
× ×
×∆
...(9)
where
crit
step
E
E
crit
OUT
0
ifLL
LI
ESR
C
ifLL
V
≤
 ×∆
τ= 
−
×≥
...(10)
For example, assume voltage droop during tran-
sient is 150mV for 1.5A load step.
If the Electrolytic 6ME1000WG(1000uF, 30mohm
ESR) is used, the crticial inductance is given as
EE
OUT
crit
step
ESRCV
L
I
30m
1000 F 5V
100H
1.5A
××
==
∆
Ω×
µ×
=µ
The selected inductor is 6.8uH which is much
smaller than critical inductance. In that case, the out-
put voltage transient not only dependent on the ESR,
but also capacitance.
number of capacitor is
E
step
tran
ESRI
N
V
30m
1.5A
200mV
0.225
×∆
=
∆
Ω×
=
=
The number of capacitors has to satisfy both ripple
and transient requirement. Overall, we choose N=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com