Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2142ACUTR Datasheet(PDF) 15 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button NX2142ACUTR Datasheet HTML 10Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 11Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 12Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 13Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 14Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 15Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 16Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 17Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 18Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
NX2142/2142A
15
Rev. 1.1
10/28/07
=
×π ××
=
×π ××
=
LC
OUT
OUT
1
F
2
LC
1
2
1.5uH 4500uF
1.94kHz
=
×π ××
=
×π ×
Ω×
=
ESR
OUT
1
F
2
ESRC
1
2
6.33m
4500uF
5.6kHz
2.Set crossover frequency FO=60kHz>>F
ESR.
3. Set R
2 equal to 4kΩ. Based on output
voltage, using equation 21, the final selection of R
1 is
8k
Ω.
4.Calculate R
3 value by the following equation.
OS CO
32
in
V
2
FL
R =R
V
ESR
1
2
60kH z
1 .5uH
=
4k
1 0
6 .33m
=36k
×π ××
××
×π ××
×
×Ω
Ω
Ω
Choose R
3 =37.4kΩ.
5. Calculate C
1 by setting compensator zero FZ
at 75% of the LC double pole.
1
3z
1
C =
2
RF
1
=
2
37.4k
0.75 1.94kHz
=2.7nF
×π ××
×π ×
Ω××
Choose C
1=2.7nF.
6. Calculate C
2 by setting compensator pole
p
F
at half the swithing frequency.
2
3s
1
C =
RF
1
=
37 .4 k
600k Hz
=14pF
π ××
π ×
Ω×
Choose C
2=15pF.
Case 2:
Type II compensator can also be realized by
simple RC circuit without feedback as shown in figure
15. R
3 and C1 introduce a zero to cancel the double
pole effect. C
2 introduces a pole to suppress the switch-
ing noise. The following equations show the compen-
sator pole zero location and constant gain.
1
m3
12
z
31
p
32
R
Gain=g
R
... (18)
R +R
1
F =
... (19)
2
RC
1
F
... (20)
2
RC
××
×π ××
≈
×π ××
gm
R3
C1
C2
Ve
Vout
Vref
Fb
R2
R1
Figure 14 - Type II compensator with
transconductance amplifier(case 2)
The following is parameters for type II compen-
sator design. Input voltage is 12V, output voltage is
2.5V, output inductor is 2.2uH, output capacitors are
two 680uF with 41m
Ω electrolytic capacitors.
1.Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
=
×π ××
=
×π ××
=
LC
OUT
OUT
1
F
2
LC
1
2
2.2uH 1360uF
2.9kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com